Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA5939B Datasheet(PDF) 1 Page - Weitron Technology

Part # SMA5939B
Description  Surface Mount Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SMA5939B Datasheet(HTML) 1 Page - Weitron Technology

  SMA5939B Datasheet HTML 1Page - Weitron Technology SMA5939B Datasheet HTML 2Page - Weitron Technology SMA5939B Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Zener Diodes
Mechanical Data
Features:
WEITRON
http://www.weitron.com.tw
SMA
SMA Outline Dimension
unit:mm
A
D
E
B
H
J
G
C
4.00
4.60
2.20
2.92
1.27
1.63
D
E
0.15
0.31
4.48
5.59
G
0.76
1.52
H
1.70
2.62
J
0.10
0.20
A
B
C
SMA
Dim
Min
Max
SMA5921B series
1/3
23-Oct-06
Lead(Pb)-Free
P b
* 1.5W Power Dissipation
* For Surface Mounted Applications
* Zener Breakdown Voltage Range 6.8V to 68V
* Case: Molded plastic SMA/DO-214AC
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solderable per MIL-STD-750 method 2026
* Polarity: cathode band
* Mounting position: Any
* Weight: 0.064 gram
SURFACE MOUNT
ZENER DIODES
1.5 WATTS


Similar Part No. - SMA5939B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA5939B SECOS-SMA5939B Datasheet
317Kb / 4P
   1.5 Watts Surface Mount Zener Diode
logo
PACELEADER INDUSTRIAL
SMA5939B PACELEADER-SMA5939B Datasheet
361Kb / 3P
   SURFACE MOUNT ZENER TYPE
logo
Formosa MS
SMA5939B FORMOSA-SMA5939B Datasheet
990Kb / 3P
   SURFACE MOUNT ZENER DIODES 1.5 WATTS
logo
SeCoS Halbleitertechnol...
SMA5939B SECOS-SMA5939B Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
logo
Yangzhou yangjie electr...
SMA5939B YANGJIE-SMA5939B Datasheet
403Kb / 4P
   Thyristor Surge Suppressors
More results

Similar Description - SMA5939B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com