Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR250 Datasheet(PDF) 1 Page - Weitron Technology

Part # SR250
Description  Axial Lead Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SR250 Datasheet(HTML) 1 Page - Weitron Technology

  SR250 Datasheet HTML 1Page - Weitron Technology SR250 Datasheet HTML 2Page - Weitron Technology SR250 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR220 thru SR2100
DO-41
Lead(Pb)-Free
P b
Axial Lead Schottky Barrier Rectifiers
WEITRON
http://www.weitron.com.tw
DO-41 Outline Dimensions
Axial Device (Through-Hole)
Features:
* Low forward voltage drop.
* High current capability.
* High reliability.
* High surge current capability.
* Epitaxial construction.
* Case: Molded plastic.
* Epoxy: UL 94V-0 rate flame retardant.
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed.
* Polarity: Color band denotes cathode end.
* Mounting position: Any.
* Weight: 0.34 grams.
Mechanical Data:
GENERAL PURPOSE
RECTIFIERS
2.0 AMPERES
20-100 VOLTS
1/3
31-Jan-07


Similar Part No. - SR250

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR250 WTE-SR250 Datasheet
49Kb / 3P
   2.0A SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SR250 LUGUANG-SR250 Datasheet
1Mb / 2P
   2.0 AMP Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
SR250 JINANJINGHENG-SR250 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
SR250 DSK-SR250 Datasheet
252Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Gude Electronic D...
SR250 JGD-SR250 Datasheet
144Kb / 2P
   2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR250

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SR520 WEITRON-SR520 Datasheet
697Kb / 3P
   Axial Lead Schottky Barrier Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
logo
Weitron Technology
1N5817 WEITRON-1N5817 Datasheet
346Kb / 3P
   Axial Lead Schottky Power Rectifiers
1N5820 WEITRON-1N5820 Datasheet
277Kb / 3P
   Axial Lead Schottky Power Rectifiers
logo
Shanghai Leiditech Elec...
SR520 LEIDITECH-SR520 Datasheet
779Kb / 2P
   Axial Series Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
31DQ05 SUNMATE-31DQ05 Datasheet
1Mb / 3P
   3.0A Axial Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com