Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLVU2.8 Datasheet(PDF) 5 Page - Weitron Technology

Part # SLVU2.8
Description  Ultralow Capacitance TVS Diodes Array for ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SLVU2.8 Datasheet(HTML) 5 Page - Weitron Technology

  SLVU2.8 Datasheet HTML 1Page - Weitron Technology SLVU2.8 Datasheet HTML 2Page - Weitron Technology SLVU2.8 Datasheet HTML 3Page - Weitron Technology SLVU2.8 Datasheet HTML 4Page - Weitron Technology SLVU2.8 Datasheet HTML 5Page - Weitron Technology SLVU2.8 Datasheet HTML 6Page - Weitron Technology SLVU2.8 Datasheet HTML 7Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WEITRON
http://www.weitron.com.tw
5/7
19-Apr-07
SLVU2.8
Application Note
Unidirectional Common-Mode Protection (Fig.9)
The SLVU2.8 provides one line of unidirectional protection
in a common-mode configuration as depicted in figure 9.
Circuit connectivity is as follows:
Line 1 is connected to Pin 3
Pins 1 and 2 are connected to ground
Bidirectional Common-Mode Protection (Fig.10)
Two SLVU2.8 devices provide one line of bidirectional
protection in a common-mode configuration as depicted
in fig.10
Circuit connectivity is as follows:
* Line 1 is connected to Pin1 of Device 1 & Pin 2 of Device 2
* Pin 2 of Device 1 and Pin 1 of Device 2 are connected to ground
* Pin 3 of both devices is not connected
Bidirectional Differential-Mode Protection (Fig.11)
Circuit connectivity is as follows:
* Line 1 is connected to Pin1 of Device 1 & Pin 2 of Device 2
* Line 2 is connected to Pin 2 of Device 1 & Pin 1 of Device 2
Fig.9
Fig.10
Fig.11
The SLVU2.8 is ideal for providing protection for electronic equipment that is susceptible to damage
caused by Electrostatic Discharge (ESD), Electrical Fast Transients (EFT) and tertiary lightning effects.
This product is offered in a unidirectional configuration and provides both commonmode or
differential-mode protection.
Circuit Board Layout Protection
Circuit board layout is critical for Electromagnetic Compatibility (EMC) protection. The following
guidelines are recommended:
* The protection device should be placed near the input terminals or connectors, the device will divert
the transient current immediately before it can be coupled into the nearby traces.
* The path length between the TVS device and the protected line should be minimized.
* All conductive loops including power and ground loops should be minimized.
* The transient current return path to ground should be kept as short as possible to reduce
parasitic inductance.
* Ground planes should be used whenever possible. For multilayer PCBs, use ground vias.
Two SLVU2.8 devices provide up to two lines of
bidrectional protection in a differenitalmode configuration
as depicted in fig.11


Similar Part No. - SLVU2.8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
   Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
logo
Micro Commercial Compon...
SLVU2.8 MCC-SLVU2.8 Datasheet
276Kb / 4P
   2.8Volts ESD Protection Devices
logo
Protek Devices
SLVU2.8 PROTEC-SLVU2.8 Datasheet
960Kb / 9P
   600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
logo
Littelfuse
SLVU2.8 LITTELFUSE-SLVU2.8 Datasheet
1Mb / 4P
   The SLVU2.8 series was designed to protect low voltage, CMOS devices from ESD and lightning induced transients.
logo
Socay Electornics Co., ...
SLVU2.8 SOCAY-SLVU2.8 Datasheet
143Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results

Similar Description - SLVU2.8

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
EP05Q04 SUNMATE-EP05Q04 Datasheet
568Kb / 2P
   ULTRALOW CAPACITANCE (TVS) ARRAY
GBLC05C-M SUNMATE-GBLC05C-M Datasheet
660Kb / 3P
   ULTRALOW CAPACITANCE (TVS) ARRAY
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A_14 Datasheet
319Kb / 9P
   Low Capacitance TVS Diode Array for ESD Protection
logo
Shanghai Leiditech Elec...
ULC332510P10 LEIDITECH-ULC332510P10 Datasheet
960Kb / 4P
   3.3V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
ULC051109MP6 LEIDITECH-ULC051109MP6 Datasheet
1Mb / 5P
   5V LOW CAPACITANCE TVS ARRAY FOR ESD PROTECTION
logo
Union Semiconductor, In...
UESD6V8L4A UNIONSEMI-UESD6V8L4A Datasheet
276Kb / 10P
   Low Capacitance TVS Diode Array for ESD Protection
logo
Shenzhen Huazhimei Semi...
HM0524 HMSEMI-HM0524 Datasheet
770Kb / 4P
   Low-Capacitance TVS Diode Array for ESD Protection
logo
Weitron Technology
WOSD03 WEITRON-WOSD03 Datasheet
264Kb / 4P
   Surface Mount TVS Diodes Array for ESD Protection
logo
STMicroelectronics
ESDARF03-1BF3 STMICROELECTRONICS-ESDARF03-1BF3 Datasheet
133Kb / 7P
   Ultralow capacitance ESD protection for antenna
November 2010 Rev 1
logo
Weitron Technology
WOSD03 WEITRON-WOSD03_09 Datasheet
316Kb / 4P
   Surface Mount TVS Diodes Array for ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com