Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF9435 Datasheet(PDF) 3 Page - Silikron Semiconductor Co.,LTD.

Part # SSF9435
Description  Battery protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF9435 Datasheet(HTML) 3 Page - Silikron Semiconductor Co.,LTD.

  SSF9435 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF9435 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF9435 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF9435 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF9435 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSF9435
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
VIN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
td(on)
90%
tr
ton
90%
10%
toff
td(off)
tf
90%
VIN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
td(on)
90%
90%
tr
ton
90%
10%
toff
td(off)
tf
90%
Rgen
Vin
G
Vdd
Rl
Vout
S
D
Vgs
Figure 2:Switching Waveforms
Figure1:Switching Test Circuit
Square Wave Pluse Duration(sec)
Figure 3: Normalized Maximum Transient Thermal Impedance
©Silikron Semiconductor CO.,LTD.
3
http://www.silikron.com
v1.1


Similar Part No. - SSF9435

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF9435 GOOD-ARK-SSF9435 Datasheet
740Kb / 6P
   30V P-Channel MOSFET
More results

Similar Description - SSF9435

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2341E SILIKRON-SSF2341E Datasheet
408Kb / 5P
   Battery protection
SSF2312 SILIKRON-SSF2312 Datasheet
288Kb / 1P
   Battery protection
SSF2334 SILIKRON-SSF2334 Datasheet
271Kb / 5P
   Battery protection
SSF8205A SILIKRON-SSF8205A Datasheet
553Kb / 7P
   Battery protection
SSF8822 SILIKRON-SSF8822 Datasheet
400Kb / 5P
   Battery protection
SSF2302 SILIKRON-SSF2302 Datasheet
393Kb / 7P
   Battery protection
SSF2336 SILIKRON-SSF2336 Datasheet
271Kb / 5P
   Battery protection
SSF3344 SILIKRON-SSF3344 Datasheet
310Kb / 5P
   Battery protection
SSF3402 SILIKRON-SSF3402 Datasheet
309Kb / 5P
   Battery protection
SSF2316E SILIKRON-SSF2316E Datasheet
375Kb / 5P
   Battery protection
SSF2306 SILIKRON-SSF2306 Datasheet
309Kb / 5P
   Battery protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com