Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM16 Datasheet(PDF) 3 Page - Weitron Technology

Part # SFM16
Description  Surface Mount Super Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SFM16 Datasheet(HTML) 3 Page - Weitron Technology

  SFM16 Datasheet HTML 1Page - Weitron Technology SFM16 Datasheet HTML 2Page - Weitron Technology SFM16 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.weitron.com.tw
WEITRON
SFM11 thru SFM18
3/3
22-Sep-06
.4
.6
.8
1.0 1.2 1.4
.001
.01
.1
1.0
10
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25 C
FIG.2-TYPICAL FORWARD CURRENT
0.2
0.4
0.6
0.8
1.0
1.2
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
AMBIENT TEMPERATURE (°C)
1.6 1.8
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
0
25
50
75
100
125
150
175
0
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Similar Part No. - SFM16

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM16 FORMOSA-SFM16 Datasheet
69Kb / 2P
   Super fast recovery type
logo
SHENZHEN YONGERJIA INDU...
SFM16 WINNERJOIN-SFM16 Datasheet
113Kb / 2P
   Plastic package has Underwriters Laboratory
SFM16 WINNERJOIN-SFM16 Datasheet
113Kb / 2P
   SMA
logo
Formosa MS
SFM16 FORMOSA-SFM16 Datasheet
58Kb / 7P
   Chip Super Fast Rectifier
logo
Rectron Semiconductor
SFM16 RECTRON-SFM16 Datasheet
103Kb / 6P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - SFM16

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF206B SECOS-SUF206B_15 Datasheet
193Kb / 2P
   Surface Mount Super Fast Recovery Rectifiers
SUF206B SECOS-SUF206B Datasheet
193Kb / 2P
   Surface Mount Super Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
MASF2A JUXING-MASF2A Datasheet
1Mb / 3P
   Surface Mount Super Fast Recovery Rectifiers
logo
Shanghai Leiditech Elec...
BYV26C LEIDITECH-BYV26C Datasheet
623Kb / 2P
   Surface Mount Super Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SUF301C SECOS-SUF301C_16 Datasheet
213Kb / 2P
   Surface Mount Super Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
MASF1A JUXING-MASF1A Datasheet
1Mb / 3P
   Surface Mount Super Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
SUF501C SECOS-SUF501C_16 Datasheet
218Kb / 2P
   Surface Mount Super Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
MASF0.5A JUXING-MASF0.5A Datasheet
1Mb / 3P
   Surface Mount Super Fast Recovery Rectifiers
logo
Bruckewell Technology L...
SUF501_5C BWTECH-SUF501_5C Datasheet
372Kb / 4P
   5.0AMP Surface Mount Super Fast Recovery Rectifiers
logo
Central Semiconductor C...
CMR3S-01 CENTRAL-CMR3S-01_15 Datasheet
339Kb / 2P
   SURFACE MOUNT SILICON SUPER FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com