Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ58 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SMCJ58
Description  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMCJ58 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SMCJ58 Datasheet HTML 1Page - GOOD-ARK Electronics SMCJ58 Datasheet HTML 2Page - GOOD-ARK Electronics SMCJ58 Datasheet HTML 3Page - GOOD-ARK Electronics SMCJ58 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
603
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
Ratings at 25oC ambient temperature unless otherwise specified. V
F=3.5V at IF=100A (uni-directional only)
e
p
y
t
e
c
i
v
e
D
g
n
i
k
r
a
m
e
c
i
v
e
D
e
d
o
c
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
e
g
r
u
s
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
I
N
UI
B.
n
i
M.
x
a
M
0
.
5
J
C
M
SD
D
GD
D
B0
4
.
62
8
.
70
10
.
50
0
0
13
.
6
5
16
.
9
A
0
.
5
J
C
M
S
)
5
(
E
D
GE
D
B0
4
.
67
0
.
70
10
.
50
0
0
10
.
3
6
12
.
9
0
.
6
J
C
M
SF
D
GF
D
B7
6
.
65
1
.
80
10
.
60
0
0
16
.
1
3
14
.
1
1
A
0
.
6
J
C
M
SG
D
GG
D
B7
6
.
67
3
.
70
10
.
60
0
0
16
.
5
4
13
.
0
1
5
.
6
J
C
M
SH
D
GH
D
B2
2
.
72
8
.
80
15
.
60
0
50
.
2
2
13
.
2
1
A
5
.
6
J
C
M
SK
D
GK
D
B2
2
.
78
9
.
70
15
.
60
0
59
.
3
3
12
.
1
1
0
.
7
J
C
M
SL
D
GL
D
B8
7
.
71
5
.
90
10
.
70
0
28
.
2
1
13
.
3
1
A
0
.
7
J
C
M
SM
D
GM
D
B8
7
.
70
6
.
80
10
.
70
0
20
.
5
2
10
.
2
1
5
.
7
J
C
M
SN
D
GN
D
B3
3
.
82
.
0
10
.
15
.
70
0
19
.
4
0
13
.
4
1
A
5
.
7
J
C
M
SP
D
GP
D
B3
3
.
81
2
.
90
.
15
.
70
0
13
.
6
1
19
.
2
1
0
.
8
J
C
M
SQ
D
GQ
D
B9
8
.
89
.
0
10
.
10
.
80
50
.
0
0
10
.
5
1
A
0
.
8
J
C
M
SR
D
GR
D
B9
8
.
83
8
.
90
.
10
.
80
53
.
0
1
16
.
3
1
5
.
8
J
C
M
SS
D
GS
D
B4
4
.
95
.
1
10
.
15
.
80
23
.
4
99
.
5
1
A
5
.
8
J
C
M
ST
D
GT
D
B4
4
.
94
.
0
10
.
15
.
80
22
.
4
0
14
.
4
1
0
.
9
J
C
M
SU
D
GU
D
B0
.
0
12
.
2
10
.
10
.
90
.
0
18
.
8
89
.
6
1
A
0
.
9
J
C
M
SV
D
GV
D
B0
.
0
11
.
1
10
.
10
.
90
.
0
14
.
7
94
.
5
1
0
1
J
C
M
SW
D
GW
D
B1
.
1
16
.
3
10
.
10
10
.
58
.
9
78
.
8
1
A
0
1
J
C
M
SX
D
GX
D
B1
.
1
13
.
2
10
.
10
10
.
52
.
8
80
.
7
1
1
1
J
C
M
SY
D
GY
D
B2
.
2
19
.
4
10
.
11
10
.
56
.
4
71
.
0
2
A
1
1
J
C
M
SZ
D
GZ
D
B2
.
2
15
.
3
10
.
11
10
.
54
.
2
82
.
8
1
2
1
J
C
M
SD
E
GD
E
B3
.
3
13
.
6
10
.
12
10
.
52
.
8
60
.
2
2
A
2
1
J
C
M
SE
E
GE
E
B3
.
3
17
.
4
10
.
12
10
.
54
.
5
79
.
9
1
3
1
J
C
M
SF
E
GF
E
B4
.
4
16
.
7
10
.
13
10
.
10
.
3
68
.
3
2
A
3
1
J
C
M
SG
E
GG
E
B4
.
4
19
.
5
10
.
13
10
.
18
.
9
65
.
1
2
4
1
J
C
M
SH
E
GH
E
B6
.
5
11
.
9
10
.
14
10
.
11
.
8
58
.
5
2
A
4
1
J
C
M
SK
E
GK
E
B6
.
5
12
.
7
10
.
14
10
.
17
.
4
62
.
3
2
5
1
J
C
M
SL
E
GL
E
B7
.
6
14
.
0
20
.
15
10
.
18
.
5
59
.
6
2
A
5
1
J
C
M
SM
E
GM
E
B7
.
6
15
.
8
10
.
15
10
.
15
.
1
64
.
4
2
6
1
J
C
M
SN
E
GN
E
B8
.
7
18
.
1
20
.
16
10
.
11
.
2
58
.
8
2
A
6
1
J
C
M
SP
E
GP
E
B8
.
7
17
.
9
10
.
16
10
.
17
.
7
50
.
6
2
7
1
J
C
M
SQ
E
GQ
E
B9
.
8
11
.
3
20
.
17
10
.
12
.
9
45
.
0
3
A
7
1
J
C
M
SR
E
GR
E
B9
.
8
19
.
0
20
.
17
10
.
13
.
4
56
.
7
2
8
1
J
C
M
SS
E
GS
E
B0
.
0
24
.
4
20
.
18
10
.
16
.
6
42
.
2
3
A
8
1
J
C
M
ST
E
GT
E
B0
.
0
21
.
2
20
.
18
10
.
14
.
1
52
.
9
2
0
2
J
C
M
SU
E
GU
E
B2
.
2
21
.
7
20
.
10
20
.
19
.
1
48
.
5
3
A
0
2
J
C
M
SV
E
GV
E
B2
.
2
25
.
4
20
.
10
20
.
13
.
6
44
.
2
3
2
2
J
C
M
SW
E
GW
E
B4
.
4
28
.
9
20
.
12
20
.
11
.
8
34
.
9
3
A
2
2
J
C
M
SX
E
GX
E
B4
.
4
29
.
6
20
.
12
20
.
13
.
2
45
.
5
3
4
2
J
C
M
SY
E
GY
E
B7
.
6
26
.
2
30
.
14
20
.
19
.
4
30
.
3
4
A
4
2
J
C
M
SZ
E
GZ
E
B7
.
6
25
.
9
20
.
14
20
.
16
.
8
39
.
8
3
6
2
J
C
M
SD
F
GD
F
B9
.
8
23
.
5
30
.
16
20
.
12
.
2
36
.
6
4
A
6
2
J
C
M
SE
F
GE
F
B9
.
8
29
.
1
30
.
16
20
.
16
.
5
31
.
2
4
8
2
J
C
M
SF
F
GF
F
B1
.
1
30
.
8
30
.
18
20
.
10
.
0
30
.
0
5
A
8
2
J
C
M
SG
F
GG
F
B1
.
1
34
.
4
30
.
18
20
.
10
.
3
34
.
5
4
0
3
J
C
M
SH
F
GH
F
B3
.
3
37
.
0
40
.
10
30
.
10
.
8
25
.
3
5
A
0
3
J
C
M
SK
F
GK
F
B3
.
3
38
.
6
30
.
10
30
.
10
.
1
34
.
8
4
Notes:
1. V
(BR) measured after IT applied for 300us square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bi-directional types having V
WM of 10 Volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For the bi-directional SMCG/SMCJ5.0CA, the maximum V
(BR) is 7.25V.


Similar Part No. - SMCJ58

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ58 DCCOM-SMCJ58 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Semitech Semic...
SMCJ58 SEMITECH-SMCJ58 Datasheet
245Kb / 6P
   Low profile package
logo
Yangzhou yangjie electr...
SMCJ58 YANGJIE-SMCJ58 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMCJ58 DIODES-SMCJ58 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMCJ58 GE-SMCJ58 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ58

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com