Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA110 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SA110
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SA110 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SA110 Datasheet HTML 1Page - GOOD-ARK Electronics SA110 Datasheet HTML 2Page - GOOD-ARK Electronics SA110 Datasheet HTML 3Page - GOOD-ARK Electronics SA110 Datasheet HTML 4Page - GOOD-ARK Electronics SA110 Datasheet HTML 5Page - GOOD-ARK Electronics SA110 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
576
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(Ratings at 25oC ambient temperature unless otherwise specified.)
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Glass passivated junction
Excellent clamping capability
Low incremental surge resistance
Very fast response time
500W peak pulse power surge capability with a 10/100us
waveform, repetition rate (duty cycle): 0.01%
High temperature soldering guaranteed:
265oC/10 seconds, 0.375" (9.5mm) lead length, 5lbs.
(2.3kg) tension
Case: JEDEC DO-204AC(DO-15) molded plastic body over
passivated junction
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: For unidirectional types the color band denotes the
cathode, which is positive with respect to the anode under
normal TVS operation
Mounting Position: Any
Weight: 0.015oz., 0.4g
A
C
0
8
1
A
S
u
r
h
t
0
.
5
A
S
s
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
V
0
8
1
o
t
0
.
5
e
g
a
t
l
o
V
f
f
O
d
n
a
t
S
W
0
0
5
r
e
w
o
P
e
s
l
u
P
k
a
e
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
0
0
0
1
/
0
1
a
h
t
i
w
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
s
l
u
p
k
a
e
P
us
m
r
o
f
e
v
a
w
)
1
(
)
1
.
g
i
F
(
P
M
P
P
)
.
n
i
M
(
0
0
5W
0
0
0
1
/
0
1
a
h
t
i
w
t
n
e
r
r
u
c
e
s
l
u
p
k
a
e
P
u
m
r
o
f
e
v
a
w
s
)
1
(
I
M
P
P
e
l
b
a
T
t
x
e
N
e
e
SA
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
t
a
t
s
y
d
a
e
t
S
A
5
7
=
oC
)
m
m
5
.
9
(
"
5
7
3
.
0
,
s
h
t
g
n
e
l
d
a
e
l
)
2
(
P
)
V
A
(
M
0
.
3W
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
0
1
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
y
l
n
o
l
a
n
o
i
t
c
e
r
i
d
i
n
u
I
M
S
F
0
7A
r
o
f
A
5
3
t
a
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
M
y
l
n
o
l
a
n
o
i
t
c
e
r
i
d
i
n
u
V
F
5
.
3s
t
l
o
V
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
5
7
1
+
o
t
5
5
-
oC
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above T
A=25
oC per Fig. 2.
2. Mounted on copper pad area of 1.6 x 1.6" (40 x 40mm) per Fig. 5.
3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
Devices for Bidirectional Applications
For bidirectional use C or CA suffix. (e.g. SA5.0C, SA170CA). Electrical characteristics apply in both directions.


Similar Part No. - SA110

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SA110 YANGJIE-SA110 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA110 PANJIT-SA110 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA110 FCI-SA110 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA110 LUGUANG-SA110 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
RFE international
SA110 RFE-SA110 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
More results

Similar Description - SA110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com