Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF2369 Datasheet(PDF) 4 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2369
Description  PWM applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2369 Datasheet(HTML) 4 Page - Silikron Semiconductor Co.,LTD.

  SSF2369 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2369 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2369 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2369 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2369 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SSF2369
SOT-23 PACKAGE INFORMATION
Dimensions in Millimeters (UNIT:mm)
Dimensions in Millimeters
Symbol
MIN.
MAX.
A
0.900
1.150
A1
0.000
0.100
A2
0.900
1.050
b
0.300
0.500
NOTES
1. All dimensions are in millimeters.
2. Tolerance ±0.10mm (4 mil) unless otherwise specified
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
c
0.080
0.150
D
2.800
3.000
E
1.200
1.400
E1
2.250
2.550
e
0.950TYP
e1
1.800
2.000
L
0.550REF
L1
0.300
0.500
θ
©Silikron Semiconductor CO.,LTD.
4
http://www.silikron.com
v1.0


Similar Part No. - SSF2369

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSF2369 VBSEMI-SSF2369 Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - SSF2369

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF4414 SILIKRON-SSF4414 Datasheet
399Kb / 5P
   PWM applications
SSF3324 SILIKRON-SSF3324 Datasheet
242Kb / 5P
   PWM applications
SSF3420 SILIKRON-SSF3420 Datasheet
367Kb / 7P
   PWM applications
SSF2301C SILIKRON-SSF2301C Datasheet
288Kb / 5P
   PWM applications
SSF3428 SILIKRON-SSF3428 Datasheet
294Kb / 7P
   PWM applications
SSF3624 SILIKRON-SSF3624 Datasheet
515Kb / 5P
   PWM applications
SSF3641 SILIKRON-SSF3641 Datasheet
505Kb / 7P
   PWM applications
SSF2301B SILIKRON-SSF2301B Datasheet
289Kb / 5P
   PWM applications
SSF2307 SILIKRON-SSF2307 Datasheet
287Kb / 5P
   PWM applications
SSF3610 SILIKRON-SSF3610 Datasheet
404Kb / 7P
   PWM applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com