Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3906T Datasheet(PDF) 1 Page - Weitron Technology

Part # MMBT3906T
Description  General Purpose Transistor PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT3906T Datasheet(HTML) 1 Page - Weitron Technology

  MMBT3906T Datasheet HTML 1Page - Weitron Technology MMBT3906T Datasheet HTML 2Page - Weitron Technology MMBT3906T Datasheet HTML 3Page - Weitron Technology MMBT3906T Datasheet HTML 4Page - Weitron Technology MMBT3906T Datasheet HTML 5Page - Weitron Technology MMBT3906T Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Purpose Transistor
PNP Silicon
1. FR-4 Minimum Pad.
2. FR-4 1.0 x 1.0 Inch Pad.
3. Pulse Test : Pulse Width ≤ 300 µS, Duty Cycle ≤ 2.0%.
Maximum Ratings
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Collector Current-Continuous
Symbol
VCEO
VCBO
VEBO
IC
Value
-40
-40
-5.0
Unit
V
V
V
mA
-200
Rating
MMBT3906T = 2A
Device Marking
Collector-Emitter Breakdown Voltage(3) (IC=-1.0mAdc.IB=0)
Collector-Base Breakdown Voltage (IC=-10 µAdc, IE=0)
Emitter-Base Breakdown Voltage (IE=-10 µAdc, IC=0)
Base Cutoff Current (VCE=-30 Vdc,VEB =-3.0 Vdc)
Collector Cutoff Current (VCE=-30Vdc,VEB=-3.0Vdc)
V(BR)CEO
V(BR)CBO
V(BR)EBO
IBL
ICEX
1/6
28-Sep-09
-50
-50
V
V
V
nA
nA
Off Characteristics
MMBT3906T
BASE
COLLECTOR
EMITTER
Characteristics
TJ
Tstg
RθJA
RθJA
PD
PD
Symbol
Max
200
1.6
600
300
2.4
400
-55 to +150
-55 to +150
Unit
mW
mW/°C
°C/W
mW
mW/°C
°C/W
°C
°C
Thermal Characteristics
SC-89
(SOT-523F)
3
2
1
1
2
3
-40
-40
-5.0
-
-
-
-
-
Characteristics
Symbol
Min
Max
Unit
Electrical Characteristics (TA=25°C Unless Otherwise noted)
http://www.weitron.com.tw
WEITRON
Total Device Dissipation FR-5 Board (1)
TA=25°C
Derate above 25°C
Thermal Resistance, Junction to Ambient
Thermal Resistance, Junction to Ambient
Total Device Dissipation
Alumina Substrate, (2) TA=25°C
Derate above 25°C
Junction Temperature
Storage Temperature
Lead(Pb)-Free
P b


Similar Part No. - MMBT3906T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3906T DIODES-MMBT3906T Datasheet
55Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30271 Rev. 2 - 2
MMBT3906T DIODES-MMBT3906T Datasheet
428Kb / 6P
   40V PNP SMALL SIGNAL TRANSISTOR
MMBT3906T DIODES-MMBT3906T Datasheet
432Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30271 Rev. 6 - 2
logo
Guangdong Kexin Industr...
MMBT3906T KEXIN-MMBT3906T Datasheet
953Kb / 2P
   PNP Transistors
logo
Fairchild Semiconductor
MMBT3906T FAIRCHILD-MMBT3906T Datasheet
133Kb / 4P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - MMBT3906T

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com