Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85-B9V1 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # BZX85-B9V1
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZX85-B9V1 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  BZX85-B9V1 Datasheet HTML 1Page - GOOD-ARK Electronics BZX85-B9V1 Datasheet HTML 2Page - GOOD-ARK Electronics BZX85-B9V1 Datasheet HTML 3Page - GOOD-ARK Electronics BZX85-B9V1 Datasheet HTML 4Page - GOOD-ARK Electronics BZX85-B9V1 Datasheet HTML 5Page - GOOD-ARK Electronics BZX85-B9V1 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
551
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted)
e
p
y
T
r
e
b
m
u
n
+
.
l
o
T
%
5
e
g
a
t
l
o
v
r
e
n
e
Z
e
g
n
a
r
)
1
(
I
t
a
Z
V
Z
)
s
t
l
o
V
(
t
n
e
r
r
u
c
t
s
e
T
I
Z
)
A
m
(
.
n
i
M.
x
a
M
7
V
2
C
-
5
8
X
Z
B0
5
.
20
9
.
20
6
0
V
3
C
-
5
8
X
Z
B0
8
.
20
2
.
30
6
3
V
3
C
-
5
8
X
Z
B0
1
.
30
5
.
30
6
6
V
3
C
-
5
8
X
Z
B0
4
.
30
8
.
30
6
9
V
3
C
-
5
8
X
Z
B0
7
.
30
1
.
40
6
3
V
4
C
-
5
8
X
Z
B0
0
.
40
6
.
40
5
7
V
4
C
-
5
8
X
Z
B0
4
.
40
0
.
55
4
1
V
5
C
-
5
8
X
Z
B0
8
.
40
4
.
55
4
6
V
5
C
-
5
8
X
Z
B0
2
.
50
0
.
65
4
2
V
6
C
-
5
8
X
Z
B0
8
.
50
6
.
65
3
8
V
6
C
-
5
8
X
Z
B0
4
.
60
2
.
75
3
5
V
7
C
-
5
8
X
Z
B0
0
.
70
9
.
75
3
2
V
8
C
-
5
8
X
Z
B0
7
.
70
7
.
85
2
1
V
9
C
-
5
8
X
Z
B0
5
.
80
6
.
95
2
0
1
C
-
5
8
X
Z
B0
4
.
96
.
0
15
2
1
1
C
-
5
8
X
Z
B4
.
0
16
.
1
10
2
2
1
C
-
5
8
X
Z
B4
.
1
17
.
2
10
2
3
1
C
-
5
8
X
Z
B4
.
2
11
.
4
10
2
5
1
C
-
5
8
X
Z
B8
.
3
16
.
5
15
1
6
1
C
-
5
8
X
Z
B3
.
5
11
.
7
15
1
8
1
C
-
5
8
X
Z
B8
.
6
11
.
9
15
1
0
2
C
-
5
8
X
Z
B8
.
8
12
.
1
20
1
2
2
C
-
5
8
X
Z
B8
.
0
23
.
3
20
1
4
2
C
-
5
8
X
Z
B8
.
2
26
.
5
20
1
7
2
C
-
5
8
X
Z
B1
.
5
29
.
8
20
.
8
0
3
C
-
5
8
X
Z
B0
.
8
20
.
2
30
.
8
3
3
C
-
5
8
X
Z
B0
.
1
30
.
5
30
.
8
6
3
C
-
5
8
X
Z
B0
.
4
30
.
8
30
.
8
9
3
C
-
5
8
X
Z
B0
.
7
30
.
1
40
.
6
3
4
C
-
5
8
X
Z
B0
.
0
40
.
6
40
.
6
7
4
C
-
5
8
X
Z
B0
.
4
40
.
0
50
.
4
1
5
C
-
5
8
X
Z
B0
.
8
40
.
4
50
.
4
6
5
C
-
5
8
X
Z
B0
.
2
50
.
0
60
.
4
2
6
C
-
5
8
X
Z
B0
.
8
50
.
6
60
.
4
8
6
C
-
5
8
X
Z
B0
.
4
60
.
2
70
.
4
5
7
C
-
5
8
X
Z
B0
.
0
70
.
0
80
.
4
2
8
C
-
5
8
X
Z
B0
.
7
70
.
7
87
.
2
1
9
C
-
5
8
X
Z
B0
.
5
80
.
6
97
.
2
0
0
1
C
-
5
8
X
Z
B0
.
4
96
0
17
.
2
0
1
1
C
-
5
8
X
Z
B4
0
16
1
17
.
2
0
2
1
C
-
5
8
X
Z
B4
1
17
2
10
.
2
0
3
1
C
-
5
8
X
Z
B4
2
11
4
10
.
2
0
5
1
C
-
5
8
X
Z
B8
3
16
5
10
.
2
0
6
1
C
-
5
8
X
Z
B3
5
11
7
15
.
1
0
8
1
C
-
5
8
X
Z
B8
6
11
9
15
.
1
0
0
2
C
-
5
8
X
Z
B8
8
12
1
25
.
1
Notes:
1. Measured with pulses t
p=5 ms
e
p
y
T
r
e
b
m
u
n
+
.
l
o
T
%
2
e
g
a
t
l
o
v
r
e
n
e
Z
e
g
n
a
r
)
1
(
I
t
a
Z
V
Z
)
s
t
l
o
V
(
t
n
e
r
r
u
c
t
s
e
T
I
Z
)
A
m
(
.
n
i
M.
x
a
M
7
V
2
B
-
5
8
X
Z
B5
3
.
25
4
.
20
6
0
V
3
B
-
5
8
X
Z
B4
9
.
26
0
.
30
6
3
V
3
B
-
5
8
X
Z
B3
2
.
37
3
.
30
6
6
V
3
B
-
5
8
X
Z
B3
5
.
37
6
.
30
6
9
V
3
B
-
5
8
X
Z
B2
8
.
38
9
.
30
6
3
V
4
B
-
5
8
X
Z
B1
2
.
49
3
.
40
5
7
V
4
B
-
5
8
X
Z
B1
6
.
49
7
.
45
4
1
V
5
B
-
5
8
X
Z
B0
0
.
50
2
.
55
4
6
V
5
B
-
5
8
X
Z
B9
4
.
51
7
.
55
4
2
V
6
B
-
5
8
X
Z
B8
0
.
62
3
.
65
3
8
V
6
B
-
5
8
X
Z
B6
6
.
64
9
.
65
3
5
V
7
B
-
5
8
X
Z
B5
3
.
75
6
.
75
3
2
V
8
B
-
5
8
X
Z
B4
0
.
86
3
.
85
2
1
V
9
B
-
5
8
X
Z
B2
9
.
88
2
.
95
2
0
1
B
-
5
8
X
Z
B0
8
.
92
.
0
15
2
1
1
B
-
5
8
X
Z
B8
.
0
12
.
1
10
2
2
1
B
-
5
8
X
Z
B8
.
1
12
.
2
10
2
3
1
B
-
5
8
X
Z
B7
.
2
13
.
3
10
2
5
1
B
-
5
8
X
Z
B7
.
4
13
.
5
15
1
6
1
B
-
5
8
X
Z
B7
.
5
13
.
6
15
1
8
1
B
-
5
8
X
Z
B6
.
7
14
.
8
15
1
0
2
B
-
5
8
X
Z
B6
.
9
14
.
0
20
1
2
2
B
-
5
8
X
Z
B6
.
1
24
.
2
20
1
4
2
B
-
5
8
X
Z
B5
.
3
25
.
4
20
1
7
2
B
-
5
8
X
Z
B5
.
6
25
.
7
20
.
8
0
3
B
-
5
8
X
Z
B4
.
9
26
.
0
30
.
8
3
3
B
-
5
8
X
Z
B3
.
2
37
.
3
30
.
8
6
3
B
-
5
8
X
Z
B3
.
5
37
.
6
30
.
8
9
3
B
-
5
8
X
Z
B2
.
8
38
.
9
30
.
6
3
4
B
-
5
8
X
Z
B1
.
2
49
.
3
40
.
6
7
4
B
-
5
8
X
Z
B1
.
6
49
.
7
40
.
4
1
5
B
-
5
8
X
Z
B0
.
0
50
.
2
50
.
4
6
5
B
-
5
8
X
Z
B9
.
4
51
.
7
50
.
4
2
6
B
-
5
8
X
Z
B8
.
0
62
.
3
60
.
4
8
6
B
-
5
8
X
Z
B6
.
6
64
.
9
60
.
4
5
7
B
-
5
8
X
Z
B5
.
3
75
.
6
70
.
4
2
8
B
-
5
8
X
Z
B4
.
0
86
.
3
87
.
2
1
9
B
-
5
8
X
Z
B2
.
9
88
.
2
97
.
2
0
0
1
B
-
5
8
X
Z
B0
.
8
92
0
17
.
2
0
1
1
B
-
5
8
X
Z
B8
0
12
1
17
.
2
0
2
1
B
-
5
8
X
Z
B8
1
12
2
10
.
2
0
3
1
B
-
5
8
X
Z
B7
2
13
3
10
.
2
0
5
1
B
-
5
8
X
Z
B7
4
13
5
10
.
2
0
6
1
B
-
5
8
X
Z
B7
5
13
6
15
.
1
0
8
1
B
-
5
8
X
Z
B6
7
14
8
15
.
1
0
0
2
B
-
5
8
X
Z
B6
9
14
0
25
.
1


Similar Part No. - BZX85-B9V1

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
BZX85-B9V1 SSC-BZX85-B9V1 Datasheet
338Kb / 6P
   ZENER DIODES
More results

Similar Description - BZX85-B9V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com