Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2945 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2945
Description  Miniature Solderless Stackup Banana Plug With Safety Collar
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2945 Datasheet(HTML) 1 Page - Pomona Electronics

  2945 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies.
Model 2945
Miniature Solderless Stackup
Banana Plug With Safety Collar
Sales: 800-490-2361 Fax: 888-403-3360 Technical Support: 800-241-2060 (technicalsupport@pomonatest.com)
For “Where to Buy” information, visit the Pomona web site at www.pomonaelectronics.com
Rev: 100
D1094061
Page 1 of 1
FEATURES:
Wire firmly held in place with internal set screw.
The integral collar insulates leads and acts as a strain relief by preventing the flexing of lead at set screw.
MATERIALS:
Miniature Banana Jack:
Material: Brass per QQ-B-626, Alloy 360, ½ Hard.
Finish: Gold plate per MIL-G-45204, Type II, Class 00 over electroless nickel per MIL-C-26074
Class 1, (.0002/.0003).
Miniature Banana Plug
Material: Plug Body, Brass per QQ-B-626, Alloy 360, ½ Hard.
Spring: Beryllium Copper per QQ-C-533, Alloy 172, Cond. H.T.
Finish: Gold plate per MIL-G-45204, Type II, Class 00 over electroless nickel per MIL-C-26074
Cross Hole: .082” (2.09mm) diameter with #3-56 slotted set screw to secure lead wires.
Insulation: ABS molded to Banana Jack and Banana Plug Body.
RATINGS:
Operating Voltage: Hands free usage in controlled voltage environments: 2500 Vrms maximum. For CE compliance: not
intended for hand-held use at voltages above 33 Vrms/70 Vdc.
Current: 5 Amperes
Operating Temperature: +122 F (+50 C) Max.
ORDERING INFORMATION:
Model: 2945-0 (Black)
Model: 2945-2 (Red)


Similar Part No. - 2945

ManufacturerPart #DatasheetDescription
logo
Heyco.
2945 HEYCO-2945 Datasheet
128Kb / 1P
   Open/Closed Bushings
logo
Mallory performance clu...
29450 MALLORY-29450 Datasheet
39Kb / 2P
   PROMASTER IGNITION COIL
logo
Cornell Dubilier Electr...
29450B333JO0 CDE-29450B333JO0 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
29450B363JO0 CDE-29450B363JO0 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
29450B393JO0 CDE-29450B393JO0 Datasheet
3Mb / 11P
   Cylindrical Case, High-Current and High-Voltage Circuits
More results

Similar Description - 2945

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2944 POMONA-2944 Datasheet
28Kb / 1P
   Miniature Solderless Stackup Banana Plug
logo
3M Electronics
3548-2 3M-3548-2 Datasheet
24Kb / 1P
   Miniature Banana Jack To Solderless Pin Tip Plug With Safety Collar
logo
Pomona Electronics
3548 POMONA-3548 Datasheet
24Kb / 1P
   Miniature Banana Jack To Solderless Pin Tip Plug With Safety Collar
logo
List of Unclassifed Man...
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
   Solderless Banana Plug
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
   SOLDERLESS STACKABLE BANANA PLUG
BU-00244-0 ETC2-BU-00244-0 Datasheet
47Kb / 1P
   Solderless Banana Plug-Hex Design
logo
3M Electronics
1825-7 3M-1825-7 Datasheet
163Kb / 1P
   Standard Banana Plug, Solderless and Stackable
logo
Pomona Electronics
5406-0 POMONA-5406-0 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
6283-C POMONA-6283-C Datasheet
24Kb / 1P
   Double Banana Plug With/Safety Shroud
1325-8 POMONA-1325-8 Datasheet
75Kb / 1P
   Standard Banana Plug, Solderless and Stackable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com