Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE39A Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # 1.5KE39A
Description  Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1.5KE39A Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  1.5KE39A Datasheet HTML 1Page - GOOD-ARK Electronics 1.5KE39A Datasheet HTML 2Page - GOOD-ARK Electronics 1.5KE39A Datasheet HTML 3Page - GOOD-ARK Electronics 1.5KE39A Datasheet HTML 4Page - GOOD-ARK Electronics 1.5KE39A Datasheet HTML 5Page - GOOD-ARK Electronics 1.5KE39A Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
595
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted)
C
E
D
E
J
r
e
b
m
u
n
e
p
y
T
k
r
A
-
d
o
o
G
r
e
b
m
u
n
t
r
a
P
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
4
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
t
a
e
g
a
t
l
o
v
I
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M.
x
a
M
0
9
2
6
N
12
6
E
K
5
.
18
.
5
52
.
8
60
.
12
.
0
50
.
19
.
6
10
.
9
84
0
1
.
0
A
0
9
2
6
N
1A
2
6
E
K
5
.
19
.
8
51
.
5
60
.
10
.
3
50
.
16
.
7
10
.
5
84
0
1
.
0
1
9
2
6
N
18
6
E
K
5
.
12
.
1
68
.
4
70
.
11
.
5
50
.
13
.
5
10
.
8
94
0
1
.
0
A
1
9
2
6
N
1A
8
6
E
K
5
.
16
.
4
64
.
1
70
.
11
.
8
50
.
13
.
6
10
.
2
94
0
1
.
0
2
9
2
6
N
15
7
E
K
5
.
15
.
7
65
.
2
80
.
17
.
0
60
.
19
.
3
19
0
15
0
1
.
0
A
2
9
2
6
N
1A
5
7
E
K
5
.
13
.
1
78
.
8
70
.
11
.
4
60
.
16
.
4
14
0
15
0
1
.
0
3
9
2
6
N
12
8
E
K
5
.
18
.
3
72
.
0
90
.
14
.
6
60
.
17
.
2
18
1
15
0
1
.
0
A
3
9
2
6
N
1A
2
8
E
K
5
.
19
.
7
71
.
6
80
.
11
.
0
70
.
13
.
3
13
1
15
0
1
.
0
4
9
2
6
N
11
9
E
K
5
.
19
.
1
80
0
10
.
17
.
3
70
.
15
.
1
11
3
16
0
1
.
0
A
4
9
2
6
N
1A
1
9
E
K
5
.
15
.
6
85
.
5
90
.
18
.
7
70
.
10
.
2
15
2
16
0
1
.
0
5
9
2
6
N
10
0
1
E
K
5
.
10
.
0
90
1
10
.
10
.
1
80
.
14
.
0
14
4
16
0
1
.
0
A
5
9
2
6
N
1A
0
0
1
E
K
5
.
10
.
5
95
0
10
.
15
.
5
80
.
19
.
0
17
3
16
0
1
.
0
6
9
2
6
N
10
1
1
E
K
5
.
10
.
9
91
2
10
.
12
.
9
80
.
15
.
98
5
17
0
1
.
0
A
6
9
2
6
N
1A
0
1
1
E
K
5
.
15
0
16
1
10
.
10
.
4
90
.
19
.
92
5
17
0
1
.
0
7
9
2
6
N
10
2
1
E
K
5
.
18
0
12
3
10
.
12
.
7
90
.
17
.
83
7
17
0
1
.
0
A
7
9
2
6
N
1A
0
2
1
E
K
5
.
14
1
16
2
10
.
12
0
10
.
11
.
95
6
17
0
1
.
0
8
9
2
6
N
10
3
1
E
K
5
.
17
1
13
4
10
.
15
0
10
.
10
.
87
8
17
0
1
.
0
A
8
9
2
6
N
1A
0
3
1
E
K
5
.
14
2
17
3
10
.
11
1
10
.
14
.
89
7
17
0
1
.
0
9
9
2
6
N
10
5
1
E
K
5
.
16
3
15
6
10
.
11
2
10
.
10
.
75
1
28
0
1
.
0
A
9
9
2
6
N
1A
0
5
1
E
K
5
.
13
4
18
5
10
.
18
2
10
.
12
.
77
0
26
0
1
.
0
0
0
3
6
N
10
6
1
E
K
5
.
14
4
16
7
10
.
10
3
10
.
15
.
60
3
26
0
1
.
0
A
0
0
3
6
N
1A
0
6
1
E
K
5
.
12
5
18
6
10
.
16
3
10
.
18
.
69
1
28
0
1
.
0
1
0
3
6
N
10
7
1
E
K
5
.
13
5
17
8
10
.
18
3
10
.
11
.
64
4
28
0
1
.
0
A
1
0
3
6
N
1A
0
7
1
E
K
5
.
12
6
19
7
10
.
15
4
10
.
14
.
64
3
28
0
1
.
0
2
0
3
6
N
10
8
1
E
K
5
.
12
6
18
9
10
.
16
4
10
.
18
.
58
5
28
0
1
.
0
A
2
0
3
6
N
1A
0
8
1
E
K
5
.
11
7
19
8
10
.
14
5
10
.
11
.
66
4
28
0
1
.
0
3
0
3
6
N
10
0
2
E
K
5
.
10
8
10
2
20
.
12
6
10
.
12
.
57
8
28
0
1
.
0
A
3
0
3
6
N
1*
A
0
0
2
E
K
5
.
10
9
10
1
20
.
11
7
10
.
15
.
54
7
28
0
1
.
0
0
2
2
E
K
5
.
18
9
12
4
20
.
15
7
10
.
14
.
44
4
38
0
1
.
0
*
A
0
2
2
E
K
5
.
19
0
21
3
20
.
15
8
10
.
16
.
48
2
38
0
1
.
0
0
5
2
E
K
5
.
15
2
25
7
20
.
12
0
20
.
12
.
40
6
30
1
1
.
0
A
0
5
2
E
K
5
.
17
3
23
6
20
.
14
1
20
.
14
.
44
4
30
1
1
.
0
0
0
3
E
K
5
.
10
7
20
3
30
.
13
4
20
.
15
.
30
3
40
1
1
.
0
A
0
0
3
E
K
5
.
15
8
25
1
30
.
16
5
20
.
16
.
34
1
40
1
1
.
0
0
5
3
E
K
5
.
15
1
35
8
30
.
14
8
20
.
10
.
34
0
50
1
1
.
0
A
0
5
3
E
K
5
.
13
3
38
6
30
.
10
0
30
.
11
.
32
8
40
1
1
.
0
0
0
4
E
K
5
.
10
6
30
4
40
.
14
2
30
.
16
.
24
7
50
1
1
.
0
A
0
0
4
E
K
5
.
10
8
30
2
40
.
12
4
30
.
17
.
28
4
50
1
1
.
0
0
4
4
E
K
5
.
16
9
34
8
40
.
16
5
30
.
14
.
21
3
60
1
1
.
0
A
0
4
4
E
K
5
.
18
1
42
6
40
.
16
7
30
.
15
.
22
0
60
1
1
.
0
A
0
8
4
E
K
5
.
16
5
44
0
50
.
18
0
40
.
13
.
28
5
60
1
1
.
0
A
0
1
5
E
K
5
.
15
8
45
3
50
.
14
3
40
.
11
.
28
9
60
1
1
.
0
A
0
3
5
E
K
5
.
15
.
3
0
55
.
6
5
50
.
10
5
40
.
11
.
25
2
70
1
1
.
0
A
0
4
5
E
K
5
.
13
1
57
6
50
.
19
5
40
.
10
.
20
4
70
1
1
.
0
A
0
5
5
E
K
5
.
15
.
2
2
55
.
7
7
50
.
17
6
40
.
10
.
20
6
70
1
1
.
0
Notes:
1. V
(BR) measured after IT applied for 300us, IT=square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. All terms and symbols are consistent with ANSI/IEEE CA62.35
4. For bidirectional types with V
R 10 volts and less the ID limit is doubled
5. For parts without A, the V
BR is +10%
This series of Silicon Transient Suppressors is used in applications where large voltage transients can permanently damage voltage-sensitive components.
The TVS diode can be used in applications where induced lightning on rural or remote transmission lines presents a hazard to electronic circuitry (ref: R.E.A.
specification P.E. 60).
This Transient Voltage Suppressor diode has a pulse power rating of 1500 watts for one millisecond. The response time of TVS diode clamping action is effectively
instantaneous (1 x 10-9 seconds bidirectional); therefore, they can protect integrated circuits, MOS devices, hybrids, and other voltage sensitive semiconductors and
components. TVS diodes can also be used in series or parallel to increase the peak power ratings.
Application:


Similar Part No. - 1.5KE39A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE39A TRSYS-1.5KE39A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1.5KE39A DIGITRON-1.5KE39A Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Galaxy Semi-Conductor H...
1.5KE39A BILIN-1.5KE39A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
1.5KE39A FS-1.5KE39A Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Diotech Company.
1.5KE39A DIOTECH-1.5KE39A Datasheet
1Mb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE39A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
1.5KE6.8 FS-1.5KE6.8 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com