Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP26 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # 3KP26
Description  Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

3KP26 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  3KP26 Datasheet HTML 1Page - GOOD-ARK Electronics 3KP26 Datasheet HTML 2Page - GOOD-ARK Electronics 3KP26 Datasheet HTML 3Page - GOOD-ARK Electronics 3KP26 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
608
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted.)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
e
g
a
k
a
e
l
e
s
r
e
v
e
r
m
u
m
i
x
a
M
V
t
a
M
W
I
D (u
)
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
.
n
i
M.
x
a
M-
I
N
U-
I
B
3
3
P
K
37
.
6
35
.
6
40
.
10
.
3
35
54
.
0
50
.
9
5
A
3
3
P
K
37
.
6
32
.
2
40
.
10
.
3
35
52
.
6
53
.
3
5
6
3
P
K
30
.
0
47
.
0
50
.
10
.
6
35
5
6
.
6
43
.
4
6
A
6
3
P
K
30
.
0
40
.
6
40
.
10
.
6
35
56
.
1
51
.
8
5
0
4
P
K
34
.
4
43
.
6
50
.
10
.
0
45
5
0
.
2
44
.
1
7
A
0
4
P
K
34
.
4
41
.
1
50
.
10
.
0
45
5
4
.
6
45
.
4
6
3
4
P
K
38
.
7
45
.
0
60
.
10
.
3
45
5
2
.
9
37
.
6
7
A
3
4
P
K
38
.
7
49
.
4
50
.
10
.
3
45
5
2
.
3
44
.
9
6
5
4
P
K
30
.
0
53
.
3
60
.
10
.
5
45
5
4
.
7
33
.
0
8
A
5
4
P
K
30
.
0
55
.
7
50
.
10
.
5
45
5
2
.
1
47
.
2
7
8
4
P
K
33
.
3
55
.
7
60
.
10
.
8
45
5
0
.
5
35
.
5
8
A
8
4
P
K
33
.
3
53
.
1
60
.
10
.
8
45
5
8
.
8
34
.
7
7
1
5
P
K
37
.
6
58
.
1
70
.
10
.
1
55
50
.
7
31
.
1
9
A
1
5
P
K
37
.
6
52
.
5
60
.
10
.
1
55
54
.
6
34
.
2
8
4
5
P
K
30
.
0
60
.
6
70
.0
.
4
55
52
.
1
33
.
6
9
A
4
5
P
K
30
.
0
60
.
9
60
.
10
.
4
55
54
.
4
31
.
7
8
8
5
P
K
34
.
4
66
.
1
80
.
10
.
8
55
52
.
9
23
0
1
A
8
5
P
K
34
.
4
61
.
4
70
.
10
.
8
55
50
.
2
34
9
0
6
P
K
37
.
6
65
.
4
80
.
10
.
0
65
50
.
8
27
0
1
A
0
6
P
K
37
.
6
67
.
6
70
.
10
.
0
65
50
.
1
37
9
4
6
P
K
31
.
1
71
.
0
90
.
10
.
4
65
54
.
6
24
1
1
A
4
6
P
K
31
.
1
78
.
1
80
.
10
.
4
65
52
.
9
23
0
1
0
7
P
K
38
.
7
76
.
8
90
.
10
.
0
75
50
.
4
25
2
1
A
0
7
P
K
38
.
7
75
.
9
80
.
10
.
0
75
58
.
6
23
1
1
5
7
P
K
33
.
3
87
.
5
0
10
.
10
.
5
75
54
.
2
24
3
1
A
5
7
P
K
33
.
3
88
.
5
90
.
10
.
5
75
58
.
4
21
2
1
8
7
P
K
37
.
6
88
.
9
0
10
.
10
.
8
75
56
.
1
29
3
1
A
8
7
P
K
37
.
6
87
.
9
90
.
10
.
8
75
58
.
2
26
2
1
5
8
P
K
34
.
4
92
.
9
1
10
.
10
.
5
85
5
8
.
9
11
5
1
A
5
8
P
K
34
.
4
92
.
8
0
10
.
10
.
5
85
58
.
0
27
3
1
0
9
P
K
30
0
15
.
6
2
10
.
10
.
0
95
5
8
.
8
10
6
1
A
0
9
P
K
30
0
15
.
5
1
10
.
10
.
0
95
56
.
0
26
4
1
0
0
1
P
K
31
1
10
.
1
4
10
.
10
0
15
5
6
.
6
19
7
1
A
0
0
1
P
K
31
1
10
.
8
2
10
.
10
0
15
5
6
.
8
12
6
1
0
1
1
P
K
32
2
15
.
4
5
10
.
10
1
15
5
4
.
5
16
9
1
A
0
1
1
P
K
32
2
15
.
0
4
10
.
10
1
15
5
8
.
6
17
7
1
0
2
1
P
K
33
3
10
.
9
6
10
.
10
2
15
5
0
.
4
14
1
2
A
0
2
1
P
K
33
3
10
.
3
5
10
.
10
2
15
5
6
.
5
13
9
1
0
3
1
P
K
34
4
15
.
2
8
10
.
10
3
15
5
0
.
3
11
3
2
A
0
3
1
P
K
34
4
15
.
5
6
10
.
10
3
15
5
4
.
4
19
0
2
0
5
1
P
K
37
6
15
.
1
1
20
.
10
5
15
5
2
.
1
18
6
2
A
0
5
1
P
K
37
6
15
.
2
9
10
.
10
5
15
5
4
.
2
13
4
2
0
6
1
P
K
38
7
10
.
6
2
20
.
10
6
15
5
4
.
0
17
8
2
A
0
6
1
P
K
38
7
10
.
5
0
20
.
10
6
15
5
6
.
1
19
5
2
0
7
1
P
K
39
8
15
.
9
3
20
.
10
7
15
5
8
.
94
0
3
A
0
7
1
P
K
39
8
15
.
7
1
20
.
10
7
15
5
0
.
1
15
7
2
0
8
1
P
K
36
9
18
.
3
5
20
.
10
8
15
5
3
.
92
2
3
A
0
8
1
P
K
36
9
14
.
0
3
20
.
10
8
15
5
3
.
0
12
9
2
0
9
1
P
K
39
0
29
.
7
6
20
.
10
9
15
5
8
.
80
4
3
A
0
9
1
P
K
39
0
22
.
3
4
20
.
10
9
15
5
7
.
98
0
3
0
0
2
P
K
30
2
20
.
2
8
20
.
10
0
25
5
4
.
88
5
3
A
0
0
2
P
K
30
2
20
.
6
5
20
.
10
0
25
5
3
.
94
2
3
0
1
2
P
K
31
3
21
.
6
9
20
.
10
1
25
5
8
.
76
7
3
A
0
1
2
P
K
31
3
28
.
8
6
20
.
10
1
25
5
8
.
80
4
3
0
2
2
P
K
32
4
22
.
0
1
30
.
10
2
25
5
6
.
74
9
3
A
0
2
2
P
K
32
4
26
.
1
8
20
.
10
2
25
5
4
.
86
5
3


Similar Part No. - 3KP26

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP26 PANJIT-3KP26 Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Socay Electornics Co., ...
3KP26 SOCAY-3KP26 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Surge Components
3KP26 SURGE-3KP26 Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Pan Jit International I...
3KP26 PANJIT-3KP26 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Won-Top Electronics
3KP26 WTE-3KP26 Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 3KP26

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
SA5.0 GOOD-ARK-SA5.0_15 Datasheet
410Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 500W Stand Off Voltage 5.0 to 180V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com