Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79-y3V6 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # BZX79-y3V6
Description  Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZX79-y3V6 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  BZX79-y3V6 Datasheet HTML 1Page - GOOD-ARK Electronics BZX79-y3V6 Datasheet HTML 2Page - GOOD-ARK Electronics BZX79-y3V6 Datasheet HTML 3Page - GOOD-ARK Electronics BZX79-y3V6 Datasheet HTML 4Page - GOOD-ARK Electronics BZX79-y3V6 Datasheet HTML 5Page - GOOD-ARK Electronics BZX79-y3V6 Datasheet HTML 6Page - GOOD-ARK Electronics BZX79-y3V6 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
519
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted) Maximum V
F=0.9V at IF=10mA
e
p
y
T
r
e
b
m
u
n
r
o
f
B
=
y
+
V
%
2
Z
r
o
f
F
=
y
+
V
%
3
Z
r
o
f
C
=
y
+
V
%
5
Z
e
c
n
a
t
s
i
s
e
r
c
i
m
a
n
y
D
t
n
e
i
c
i
f
f
e
o
c
.
p
m
e
T
e
g
a
t
l
o
v
r
e
n
e
z
f
o
I
t
a
Z
A
m
5
=
α
αααα
/
%
(
z
v
m
o
)
C
e
g
a
k
a
e
l
e
s
r
e
v
e
R
t
n
e
r
r
u
c
e
l
b
i
s
s
i
m
d
A
t
n
e
r
r
u
c
r
e
n
e
z
)
2
(
I
Z
(m )
A
e
c
n
a
t
i
c
a
p
a
C
V
R
0
=
z
H
M
1
=
f
)
F
p
(
.
x
a
M
e
v
i
t
i
t
e
p
e
R
-
n
o
N
e
s
r
e
v
e
r
k
a
e
p
t
n
e
r
r
u
c
t
t
a
p
0
0
1
=
uS
I
M
S
Z
)
A
(
I
t
a
Z
A
m
5
=
z
H
k
1
=
f
r
j
z (Ω
Ω)
.
x
a
M
I
t
a
Z
A
m
1
=
z
H
k
1
=
f
r
j
z (Ω
Ω)
.
x
a
M.
n
i
M.
x
a
M
I
R
(n )
A
V
t
a
R
)
s
t
l
o
V
(
4
V
2
y
-
9
7
X
Z
B0
0
10
0
6
<8
0
.
0
-6
0
.
0
-0
0
0
,
0
51
7
6
10
5
40
.
6
7
V
2
y
-
9
7
X
Z
B0
0
10
0
6
<8
0
.
0
-6
0
.
0
-0
0
0
,
0
21
5
3
10
5
40
.
6
0
V
3
y
-
9
7
X
Z
B5
90
0
6
<8
0
.
0
-6
0
.
0
-0
0
0
,
0
11
5
2
10
5
40
.
6
3
V
3
y
-
9
7
X
Z
B5
90
0
6
<8
0
.
0
-5
0
.
0
-0
0
0
,
51
5
1
10
5
40
.
6
6
V
3
y
-
9
7
X
Z
B0
90
0
6
<8
0
.
0
-4
0
.
0
-0
0
0
,
51
5
0
10
5
40
.
6
9
V
3
y
-
9
7
X
Z
B0
90
0
6
<7
0
.
0
-3
0
.
0
-0
0
0
,
31
5
90
5
40
.
6
3
V
4
y
-
9
7
X
Z
B0
90
0
6
<4
0
.
0
-1
0
.
0
-0
0
0
,
31
0
90
5
40
.
6
7
V
4
y
-
9
7
X
Z
B0
80
0
53
0
.
0
-1
0
.
0
+0
0
0
,
31
5
80
0
30
.
6
1
V
5
y
-
9
7
X
Z
B0
60
8
42
0
.
0
-5
0
.
0
+0
0
0
,
21
0
80
0
30
.
6
6
V
5
y
-
9
7
X
Z
B0
40
0
41
0
.
0
-6
0
.
0
+0
0
0
,
11
0
70
0
30
.
6
2
V
6
y
-
9
7
X
Z
B0
10
5
10
7
0
.
0
+0
0
0
,
32
4
60
0
20
.
6
8
V
6
y
-
9
7
X
Z
B5
10
81
0
.
0
+8
0
.
0
+0
0
0
,
23
8
50
0
20
.
6
5
V
7
y
-
9
7
X
Z
B5
10
81
0
.
0
+9
0
.
0
+0
0
0
,
15
3
50
5
10
.
4
2
V
8
y
-
9
7
X
Z
B5
10
81
0
.
0
+9
0
.
0
+0
0
76
7
40
5
10
.
4
1
V
9
y
-
9
7
X
Z
B5
10
0
12
0
.
0
+0
1
.
0
+0
0
57
3
40
5
10
.
3
0
1
y
-
9
7
X
Z
B0
20
5
13
0
.
0
+1
1
.
0
+0
0
25
.
70
40
90
.
3
1
1
y
-
9
7
X
Z
B0
20
5
13
0
.
0
+1
1
.
0
+0
0
15
.
86
35
85
.
2
2
1
y
-
9
7
X
Z
B5
20
5
13
0
.
0
+1
1
.
0
+0
0
19
2
35
85
.
2
3
1
y
-
9
7
X
Z
B0
30
7
13
0
.
0
+1
1
.
0
+0
0
10
19
20
85
.
2
5
1
y
-
9
7
X
Z
B0
30
0
23
0
.
0
+1
1
.
0
+0
51
17
25
70
.
2
6
1
y
-
9
7
X
Z
B0
40
0
23
0
.
0
+1
1
.
0
+0
52
14
25
75
.
1
8
1
y
-
9
7
X
Z
B5
45
2
23
0
.
0
+1
1
.
0
+0
54
11
20
75
.
1
0
2
y
-
9
7
X
Z
B5
55
2
23
0
.
0
+1
1
.
0
+0
55
10
20
65
.
1
2
2
y
-
9
7
X
Z
B5
50
5
23
0
.
0
+1
1
.
0
+0
57
18
10
63
.
1
4
2
y
-
9
7
X
Z
B0
70
5
24
0
.
0
+2
1
.
0
+0
58
16
15
53
.
1
7
2
y
-
9
7
X
Z
B0
8
)
3
(
0
0
3
)
4
(
4
0
.
0
+
)
3
(
2
1
.
0
+0
50
24
10
50
.
1
0
3
y
-
9
7
X
Z
B0
8
)
3
(
0
0
3
)
4
(
4
0
.
0
+
)
3
(
2
1
.
0
+0
52
23
10
50
.
1
3
3
y
-
9
7
X
Z
B0
8
)
3
(
5
2
3
)
4
(
4
0
.
0
+
)
3
(
2
1
.
0
+0
54
22
15
49
.
0
6
3
y
-
9
7
X
Z
B0
9
)
3
(
0
5
3
)
4
(
4
0
.
0
+
)
3
(
2
1
.
0
+0
57
21
15
48
.
0
9
3
y
-
9
7
X
Z
B0
3
1
)
3
(
0
5
3
)
4
(
4
0
.
0
+
)
3
(
2
1
.
0
+0
58
20
15
47
.
0
3
4
y
-
9
7
X
Z
B0
5
1
)
3
(
5
7
3
)
4
(
4
0
.
0
+
)
3
(
2
1
.
0
+0
52
32
.
90
46
.
0
7
4
y
-
9
7
X
Z
B0
7
1
)
3
(
5
7
3
)
4
(
4
0
.
0
+
)
3
(
2
1
.
0
+0
55
35
.
80
45
.
0
1
5
y
-
9
7
X
Z
B0
8
1
)
3
(
0
0
4
)
4
(
4
0
.
0
+
)
3
(
2
1
.
0
+0
58
38
.
70
44
.
0
6
5
y
-
9
7
X
Z
B0
0
2
)
3
(
5
2
4
)
4
(
1
.
0
+
.
p
y
t
)
3
(
0
59
31
.
70
43
.
0
2
6
y
-
9
7
X
Z
B5
1
2
)
3
(
0
5
4
)
4
(
1
.
0
+
.
p
y
t
)
3
(
0
53
44
.
65
33
.
0
8
6
y
-
9
7
X
Z
B0
4
2
)
3
(
5
7
4
)
4
(
1
.
0
+
.
p
y
t
)
3
(
0
58
48
.
55
33
.
0
5
7
y
-
9
7
X
Z
B5
5
2
)
3
(
0
0
5
)
4
(
1
.
0
+
.
p
y
t
)
3
(
0
53
53
.
55
32
.
0
Notes:
1. Tested with pulses t
p=5 ms.
2. Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
3. at I
Z=2.0 mA
4. at I
Z=0.5 mA
y = Zener voltage tolerance designator


Similar Part No. - BZX79-y3V6

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
BZX79-y3V6 SSC-BZX79-y3V6 Datasheet
455Kb / 7P
   ZENER DIODES
More results

Similar Description - BZX79-y3V6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com