Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR608 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # BR608
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BR608 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  BR608 Datasheet HTML 1Page - GOOD-ARK Electronics BR608 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
BR6 SERIES
~
~
FIG.2-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
FIG.4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0.6
100
10
1.0
0.1
0.01
1.0
1.2
1.4
1.6
1.8
2.0
0.8
TJ=25°C
1
175
0
10
100
NUMBER OF CYCLETS AT 60Hz
FIG.3-MAXIMUM FORWARD SUNRGE CURRENT
TJ=25°C
TEMPERATURE,°C
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
10
8
6
4
2
0
0
50
100
150
TJ=25°C


Similar Part No. - BR608

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BR608 EIC-BR608 Datasheet
40Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR608 EIC-BR608 Datasheet
47Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
BR608 CHENDA-BR608 Datasheet
74Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Bruckewell Technology L...
BR608 BWTECH-BR608 Datasheet
236Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Formosa MS
BR608 FORMOSA-BR608 Datasheet
84Kb / 6P
   Bridge Rectifier
More results

Similar Description - BR608

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com