Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA208X-1000C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BTA208X-1000C
Description  High commutation three-quadrant triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208X-1000C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BTA208X-1000C Datasheet HTML 4Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 5Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 6Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 7Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 8Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 9Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 10Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 11Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BTA208X-1000C_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 September 2009
8 of 12
NXP Semiconductors
BTA208X-1000C
High commutation three-quadrant triacs
Fig 11. Normalized gate trigger voltage as a function of
junction temperature
Fig 12. Rate of change of commutating current as a
function of junction temperature; typical and
minimum values
Tj (°C)
−50
150
100
050
001aab101
0.8
1.2
1.6
0.4
VGT
VGT(25°C)
003aaa973
Tj (°C)
20
140
100
60
102
10
103
dIcom/dt
1
(A/ms)
typ
min


Similar Part No. - BTA208X-1000C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA208X-1000C PHILIPS-BTA208X-1000C Datasheet
74Kb / 12P
   Three quadrant triacs high commutation
Rev. 01-4 October 2005
logo
WeEn Semiconductors
BTA208X-1000C WEEN-BTA208X-1000C Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
logo
WeEn Semiconductors
BTA208X-1000C0 WEEN-BTA208X-1000C0 Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA208X-1000C0 ISC-BTA208X-1000C0 Datasheet
224Kb / 2P
   isc Triacs
More results

Similar Description - BTA208X-1000C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com