Electronic Components Datasheet Search |
|
MC-458CB646XFB-A10 Datasheet(PDF) 6 Page - Elpida Memory |
|
MC-458CB646XFB-A10 Datasheet(HTML) 6 Page - Elpida Memory |
6 / 16 page Data Sheet E0063N10 6 MC-458CB646 DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted) Parameter Symbol Test condition Grade MIN. MAX. Unit Notes Operating current ICC1 Burst length = 1 /CAS latency = 2 -A80 400 mA 1 tRC ≥ tRC(MIN.), IO = 0 mA -A10 400 /CAS latency = 3 -A80 400 -A10 400 Precharge standby current in ICC2P CKE ≤ VIL(MAX.), tCK = 15 ns 4 mA power down mode ICC2PS CKE ≤ VIL(MAX.), tCK = ∞ 4 Precharge standby current in ICC2N CKE ≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.), 80 mA non power down mode Input signals are changed one time during 30 ns. ICC2NS CKE ≥ VIH(MIN.), tCK = ∞, Input signals are stable. 32 Active standby current in ICC3P CKE ≤ VIL(MAX.), tCK = 15 ns 20 mA power down mode ICC3PS CKE ≤ VIL(MAX.), tCK = ∞ 16 Active standby current in ICC3N CKE ≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.), 120 mA non power down mode Input signals are changed one time during 30 ns. ICC3NS CKE ≥ VIH(MIN.), tCK = ∞, Input signals are stable. 80 Operating current ICC4 tCK ≥ tCK(MIN.), IO = 0 mA /CAS latency = 2 -A80 480 mA 2 (Burst mode) -A10 380 /CAS latency = 3 -A80 580 -A10 500 CBR (Auto) refresh current ICC5 tRC ≥ tRC(MIN.) /CAS latency = 2 -A80 920 mA 3 -A10 920 /CAS latency = 3 -A80 920 -A10 920 Self refresh current ICC6 CKE ≤ 0.2 V 8 mA Input leakage current II(L) VI = 0 to 3.6 V, All other pins not under test = 0 V –4 +4 µA Output leakage current IO(L) DOUT is disabled, VO = 0 to 3.6 V –1.5 +1.5 µA High level output voltage VOH IO = –4.0 mA 2.4 V Low level output voltage VOL IO = +4.0 mA 0.4 V Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.). 2. ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.). 3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.). |
Similar Part No. - MC-458CB646XFB-A10 |
|
Similar Description - MC-458CB646XFB-A10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |