Electronic Components Datasheet Search |
|
MC-458CB646XFB-A80 Datasheet(PDF) 10 Page - Elpida Memory |
|
MC-458CB646XFB-A80 Datasheet(HTML) 10 Page - Elpida Memory |
10 / 16 page Data Sheet E0063N10 10 MC-458CB646 Serial PD (1/2) Byte No. Function Described Hex Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Notes 0 Defines the number of bytes written into 80H 1 0 0 0 0 0 0 0 128 bytes serial PD memory 1 Total number of bytes of serial PD memory 08H 0 0 0 0 1 0 0 0 256 bytes 2 Fundamental memory type 04H 0 0 0 0 0 1 0 0 SDRAM 3 Number of rows 0CH 0 0 0 0 1 1 0 0 12 rows 4 Number of columns 09H 0 0 0 0 1 0 0 1 9 columns 5 Number of banks 01H 0 0 0 0 0 0 0 1 1 bank 6 Data width 40H 0 1 0 0 0 0 0 0 64 bits 7 Data width (continued) 00H 0 0 0 0 0 0 0 0 0 8 Voltage interface 01H 0 0 0 0 0 0 0 1 LVTTL 9 CL = 3 Cycle time -A80 80H 1 0 0 0 0 0 0 0 8 ns -A10 A0H 1 0 1 0 0 0 0 0 10 ns 10 CL = 3 Access time -A80 60H 0 1 1 0 0 0 0 0 6 ns -A10 60H 0 1 1 0 0 0 0 0 6 ns 11 DIMM configuration type 00H 0 0 0 0 0 0 0 0 None 12 Refresh rate/type 80H 1 0 0 0 0 0 0 0 Normal 13 SDRAM width 10H 0 0 0 1 0 0 0 0 ×16 14 Error checking SDRAM width 00H 0 0 0 0 0 0 0 0 None 15 Minimum clock delay 01H 0 0 0 0 0 0 0 1 1 clock 16 Burst length supported 8FH 1 0 0 0 1 1 1 1 1, 2, 4, 8, F 17 Number of banks on each SDRAM 04H 0 0 0 0 0 1 0 0 4 banks 18 /CAS latency supported 06H 0 0 0 0 0 1 1 0 2, 3 19 /CS latency supported 01H 0 0 0 0 0 0 0 1 0 20 /WE latency supported 01H 0 0 0 0 0 0 0 1 0 21 SDRAM module attributes 00H 0 0 0 0 0 0 0 0 22 SDRAM device attributes : General 0EH 0 0 0 0 1 1 1 0 23 CL = 2 Cycle time -A80 A0H 1 0 1 0 0 0 0 0 10 ns -A10 D0H 1 1 0 1 0 0 0 0 13 ns 24 CL = 2 Access time -A80 60H 0 1 1 0 0 0 0 0 6 ns -A10 70H 0 1 1 1 0 0 0 0 7 ns 25-26 00H 0 0 0 0 0 0 0 0 27 tRP(MIN.) -A80 14H 0 0 0 1 0 1 0 0 20 ns -A10 14H 0 0 0 1 0 1 0 0 20 ns 28 tRRD(MIN.) -A80 10H 0 0 0 1 0 0 0 0 16 ns -A10 14H 0 0 0 1 0 1 0 0 20 ns 29 tRCD(MIN.) -A80 14H 0 0 0 1 0 1 0 0 20 ns -A10 14H 0 0 0 1 0 1 0 0 20 ns 30 tRAS(MIN.) -A80 30H 0 0 1 1 0 0 0 0 48 ns -A10 32H 0 0 1 1 0 0 1 0 50 ns 31 Module bank density 10H 0 0 0 1 0 0 0 0 64M bytes |
Similar Part No. - MC-458CB646XFB-A80 |
|
Similar Description - MC-458CB646XFB-A80 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |