Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4516CD64ES-A10B Datasheet(PDF) 9 Page - Elpida Memory

Part # MC-4516CD64ES-A10B
Description  16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516CD64ES-A10B Datasheet(HTML) 9 Page - Elpida Memory

Back Button MC-4516CD64ES-A10B Datasheet HTML 5Page - Elpida Memory MC-4516CD64ES-A10B Datasheet HTML 6Page - Elpida Memory MC-4516CD64ES-A10B Datasheet HTML 7Page - Elpida Memory MC-4516CD64ES-A10B Datasheet HTML 8Page - Elpida Memory MC-4516CD64ES-A10B Datasheet HTML 9Page - Elpida Memory MC-4516CD64ES-A10B Datasheet HTML 10Page - Elpida Memory MC-4516CD64ES-A10B Datasheet HTML 11Page - Elpida Memory MC-4516CD64ES-A10B Datasheet HTML 12Page - Elpida Memory MC-4516CD64ES-A10B Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet E0065N10
9
Asynchronous Characteristics
Parameter
Symbol
-A10B
Unit
Note
MIN.
MAX.
ACT to REF/ACT command period (Operation)
tRC
90
ns
REF to REF/ACT command period (Refresh)
tRC1
90
ns
ACT to PRE command period
tRAS
60
120,000
ns
PRE to ACT command period
tRP
30
ns
Delay time ACT to READ/WRITE command
tRCD
30
ns
ACT(one) to ACT(another) command period
tRRD
20
ns
Data-in to PRE command period
tDPL
10
ns
Data-in to ACT(REF) command
/CAS latency = 3
tDAL3
1CLK+30
ns
period (Auto precharge)
/CAS latency = 2
tDAL2
1CLK+30
ns
Mode register set cycle time
tRSC
2
CLK
Transition time
tT
1
30
ns
Refresh time (4,096 refresh cycles)
tREF
64
ms


Similar Part No. - MC-4516CD64ES-A10B

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516CD64ES-A10B NEC-MC-4516CD64ES-A10B Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results

Similar Description - MC-4516CD64ES-A10B

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516CB64ES NEC-MC-4516CB64ES Datasheet
129Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-4516CD64ES NEC-MC-4516CD64ES Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-45D16CD641KS ELPIDA-MC-45D16CD641KS Datasheet
177Kb / 14P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-4516CD642XS ELPIDA-MC-4516CD642XS Datasheet
136Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com