Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC210-8FP Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC210-8FP
Description  ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC210-8FP Datasheet(HTML) 1 Page - Motorola, Inc

  MAC210-8FP Datasheet HTML 1Page - Motorola, Inc MAC210-8FP Datasheet HTML 2Page - Motorola, Inc MAC210-8FP Datasheet HTML 3Page - Motorola, Inc MAC210-8FP Datasheet HTML 4Page - Motorola, Inc MAC210-8FP Datasheet HTML 5Page - Motorola, Inc MAC210-8FP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Thyristor Device Data
Triacs
Silicon Bidirectional Thyristors
. . . designed primarily for full-wave ac control applications, such as light dimmers,
motor controls, heating controls and power supplies; or wherever full-wave silicon
gate controlled solid-state devices are needed. Triac type thyristors switch from a
blocking to a conducting state for either polarity of applied anode voltage with positive
or negative gate triggering.
• Blocking Voltage to 800 Volts
• All Diffused and Glass Passivated Junctions for Greater Parameter Uniformity
and Stability
• Small, Rugged, Thermowatt Construction for Low Thermal Resistance, High Heat
Dissipation and Durability
• Gate Triggering Guaranteed in Three Modes (MAC210FP Series)
or Four Modes (MAC210AFP Series)
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Repetitive Peak Off-State Voltage(1) (TJ = –40 to +125°C)
1/2 Sine Wave 50 to 60 Hz, Gate Open
MAC210-4FP, MAC210A4FP
MAC210-6FP, MAC210A6FP
MAC210-8FP, MAC210A8FP
MAC210-10FP, MAC210A10FP
VDRM
200
400
600
800
Volts
On-State RMS Current (TC = +70°C) Full Cycle Sine Wave 50 to 60 Hz(2)
IT(RMS)
10
Amps
Peak Nonrepetitive Surge Current (One Full Cycle, 60 Hz, TC = +70°C)
preceded and followed by rated current
ITSM
100
Amps
Circuit Fusing (t = 8.3 ms)
I2t
40
A2s
Peak Gate Power (TC = +70°C, Pulse Width = 10 µs)
PGM
20
Watts
Average Gate Power (TC = +70°C, t = 8.3 ms)
PG(AV)
0.35
Watt
Peak Gate Current (TC = +70°C, Pulse Width = 10 µs)
IGM
2
Amps
RMS Isolation Voltage (TA = 25°C, Relative Humidity p 20%)
V(ISO)
1500
Volts
Operating Junction Temperature
TJ
–40 to +125
°C
Storage Temperature Range
Tstg
–40 to +125
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.2
°C/W
Thermal Resistance, Case to Sink
R
θCS
2.2 (typ)
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
60
°C/W
1. VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
2. The casetemperature referencepoint forall TCmeasurementsisapointonthecenterleadofthepackageascloseaspossibletotheplasticbody.
Order this document
by MAC210FP/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MAC210FP
Series
MAC210AFP
Series
CASE 221C-02
STYLE 3
ISOLATED TRIACs
THYRISTORS
10 AMPERES RMS
200 thru 800 VOLTS
MT1
G
MT2


Similar Part No. - MAC210-8FP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MAC210-8FP NJSEMI-MAC210-8FP Datasheet
133Kb / 2P
   ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
More results

Similar Description - MAC210-8FP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MAC210FP NJSEMI-MAC210FP Datasheet
133Kb / 2P
   ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
T2500FP MOTOROLA-T2500FP Datasheet
83Kb / 4P
   ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS
MAC15-4FP MOTOROLA-MAC15-4FP Datasheet
80Kb / 4P
   ISOLATED TRIACs THYRISTORS 15 AMPERES RMS 200 thru 800 VOLTS
MAC212-4FP MOTOROLA-MAC212-4FP Datasheet
113Kb / 6P
   ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212FP NJSEMI-MAC212FP Datasheet
149Kb / 2P
   ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
MAC223FP NJSEMI-MAC223FP Datasheet
142Kb / 2P
   ISOLATED TRIACs THYRISTORS 25 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
   TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
   TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
   TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com