Electronic Components Datasheet Search |
|
MC-458CA726EFB-A80 Datasheet(PDF) 6 Page - Elpida Memory |
|
MC-458CA726EFB-A80 Datasheet(HTML) 6 Page - Elpida Memory |
6 / 16 page Data Sheet E0061N10 6 MC-458CA726 DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted) Parameter Symbol Test condition Grade MIN. MAX. Unit Notes Operating current ICC1 Burst length = 1 /CAS latency = 2 -A80 550 mA 1 tRC ≥ tRC(MIN.), IO = 0 mA -A10 550 /CAS latency = 3 -A80 550 -A10 550 Precharge standby current in ICC2P CKE ≤ VIL(MAX.), tCK = 15 ns 5 mA power down mode ICC2PS CKE ≤ VIL(MAX.), tCK = ∞ 5 Precharge standby current in ICC2N CKE ≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.), 100 mA non power down mode Input signals are changed one time during 30 ns. ICC2NS CKE ≥ VIH(MIN.), tCK = ∞, Input signals are stable. 40 Active standby current in ICC3P CKE ≤ VIL(MAX.), tCK = 15 ns 25 mA power down mode ICC3PS CKE ≤ VIL(MAX.), tCK = ∞ 20 Active standby current in ICC3N CKE ≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.), 150 mA non power down mode Input signals are changed one time during 30 ns. ICC3NS CKE ≥ VIH(MIN.), tCK = ∞, Input signals are stable. 150 Operating current ICC4 tCK ≥ tCK(MIN.) /CAS latency = 2 -A80 600 mA 2 (Burst mode) IO = 0 mA -A10 475 /CAS latency = 3 -A80 725 -A10 625 CBR (Auto) refresh current ICC5 tRC ≥ tRC(MIN.) /CAS latency = 2 -A80 1,150 mA 3 -A10 1,150 /CAS latency = 3 -A80 1,150 -A10 1,150 Self refresh current ICC6 CKE ≤ 0.2 V 10 mA Input leakage current II(L) VI = 0 to 3.6 V, All other pins not under test = 0 V –5 +5 µA Output leakage current IO(L) DOUT is disabled, VO = 0 to 3.6 V –1.5 +1.5 µA High level output voltage VOH IO = –4 mA 2.4 V Low level output voltage VOL IO = +4 mA 0.4 V Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.). 2. ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.). 3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.). |
Similar Part No. - MC-458CA726EFB-A80 |
|
Similar Description - MC-458CA726EFB-A80 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |