Electronic Components Datasheet Search |
|
MC-458CA727 Datasheet(PDF) 8 Page - Elpida Memory |
|
MC-458CA727 Datasheet(HTML) 8 Page - Elpida Memory |
8 / 16 page Data Sheet E0060N20 8 MC-458CA727 Synchronous Characteristics Parameter Symbol -A 75 Unit Note MIN. MAX. Clock cycle time /CAS latency = 3 tCK3 7.5 (133 MHz) ns /CAS latency = 2 tCK2 10 (100 MHz) ns Access time from CLK /CAS latency = 3 tAC3 5.4 ns 1 /CAS latency = 2 tAC2 6.0 ns 1 CLK high level width tCH 2.5 ns CLK low level width tCL 2.5 ns Data-out hold time tOH 3.0 ns 1 Data-out low-impedance time tLZ 0 ns Data-out high-impedance time /CAS latency = 3 tHZ3 3.0 5.4 ns /CAS latency = 2 tHZ2 3.0 6.0 ns Data-in setup time tDS 1.5 ns Data-in hold time tDH 0.8 ns Address setup time tAS 1.5 ns Address hold time tAH 0.8 ns CKE setup time tCKS 1.5 ns CKE hold time tCKH 0.8 ns CKE setup time (Power down exit) tCKSP 1.5 ns Command (/CS0, /CS2, /RAS, /CAS, /WE, tCMS 1.5 ns DQMB0 - DQMB7) setup time Command (/CS0, /CS2, /RAS, /CAS, /WE, tCMH 0.8 ns DQMB0 - DQMB7) hold time Note 1. Output load Output Z = 50 Ω 50 pF Remark These specifications are applied to the monolithic device. |
Similar Part No. - MC-458CA727 |
|
Similar Description - MC-458CA727 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |