Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4516CB647EF-A75 Datasheet(PDF) 6 Page - Elpida Memory

Part # MC-4516CB647EF-A75
Description  16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516CB647EF-A75 Datasheet(HTML) 6 Page - Elpida Memory

Back Button MC-4516CB647EF-A75 Datasheet HTML 2Page - Elpida Memory MC-4516CB647EF-A75 Datasheet HTML 3Page - Elpida Memory MC-4516CB647EF-A75 Datasheet HTML 4Page - Elpida Memory MC-4516CB647EF-A75 Datasheet HTML 5Page - Elpida Memory MC-4516CB647EF-A75 Datasheet HTML 6Page - Elpida Memory MC-4516CB647EF-A75 Datasheet HTML 7Page - Elpida Memory MC-4516CB647EF-A75 Datasheet HTML 8Page - Elpida Memory MC-4516CB647EF-A75 Datasheet HTML 9Page - Elpida Memory MC-4516CB647EF-A75 Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet E0058N20
6
MC-4516CB647
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol
Test condition
MIN. MAX.
Unit
Notes
Operating current
ICC1
Burst length = 1
/CAS latency = 2
800
mA
1
tRC
≥ tRC(MIN.), IO = 0 mA
/CAS latency = 3
840
Precharge standby current in
ICC2P
CKE
≤ VIL(MAX.), tCK = 15 ns
8
mA
power down mode
ICC2PS CKE
≤ VIL(MAX.), tCK = ∞
8
Precharge standby current in
non power down mode
ICC2N
CKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
Input signals are changed one time during 30 ns.
160
mA
ICC2NS CKE
≥ VIH(MIN.), tCK = ∞
Input signals are stable.
64
Active standby current in
ICC3P
CKE
≤ VIL(MAX.), tCK = 15 ns
40
mA
power down mode
ICC3PS CKE
≤ VIL(MAX.), tCK = ∞
32
Active standby current in
ICC3N
CKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
240
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC3NS
CKE
≥ VIH(MIN.), tCK = ∞
Input signals are stable.
160
Operating current
ICC4
tCK
≥ tCK(MIN.)
/CAS latency = 2
960
mA
2
(Burst mode)
IO = 0 mA
/CAS latency = 3
1,240
CBR (Auto) refresh current
ICC5
tRC
≥ tRC(MIN.)
/CAS latency = 2
1,840
mA
3
/CAS latency = 3
1,920
Self refresh current
ICC6
CKE
≤ 0.2 V
16
mA
Input leakage current
II(L)
VI = 0 to 3.6 V, All other pins not under test = 0 V
– 8
+ 8
µA
Output leakage current
IO(L)
DOUT is disabled, VO = 0 to 3.6 V
– 1.5
+ 1.5
µA
High level output voltage
VOH
IO = – 4.0 mA
2.4
V
Low level output voltage
VOL
IO = + 4.0 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.).
2. ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.).
3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.).


Similar Part No. - MC-4516CB647EF-A75

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516CB647EF-A75 NEC-MC-4516CB647EF-A75 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-4516CB647EF-A75

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com