Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4532CD646PF-A80 Datasheet(PDF) 8 Page - Elpida Memory

Part # MC-4532CD646PF-A80
Description  32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532CD646PF-A80 Datasheet(HTML) 8 Page - Elpida Memory

Back Button MC-4532CD646PF-A80 Datasheet HTML 4Page - Elpida Memory MC-4532CD646PF-A80 Datasheet HTML 5Page - Elpida Memory MC-4532CD646PF-A80 Datasheet HTML 6Page - Elpida Memory MC-4532CD646PF-A80 Datasheet HTML 7Page - Elpida Memory MC-4532CD646PF-A80 Datasheet HTML 8Page - Elpida Memory MC-4532CD646PF-A80 Datasheet HTML 9Page - Elpida Memory MC-4532CD646PF-A80 Datasheet HTML 10Page - Elpida Memory MC-4532CD646PF-A80 Datasheet HTML 11Page - Elpida Memory MC-4532CD646PF-A80 Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
MC-4532CD646
Data Sheet E0055N10
Synchronous Characteristics
Parameter
Symbol
-A 80
-A 10
Unit
Note
MIN.
MAX.
MIN.
MAX.
Clock cycle time
/CAS latency = 3
tCK3
8
(125 MHz)
10
(100 MHz)
ns
/CAS latency = 2
tCK2
10
(100 MHz)
13
(77 MHz)
ns
Access time from CLK
/CAS latency = 3
tAC3
6
6
ns
1
/CAS latency = 2
tAC2
6
7
ns
1
CLK high level width
tCH
3
3
ns
CLK low level width
tCL
3
3
ns
Data-out hold time
tOH
3
3
ns
1
Data-out low-impedance time
tLZ
0
0
ns
Data-out high-impedance time
/CAS latency = 3
tHZ3
3
6
3
6
ns
/CAS latency = 2
tHZ2
3
6
3
7
ns
Data-in setup time
tDS
2
2
ns
Data-in hold time
tDH
1
1
ns
Address setup time
tAS
2
2
ns
Address hold time
tAH
1
1
ns
CKE setup time
tCKS
2
2
ns
CKE hold time
tCKH
1
1
ns
CKE setup time (Power down exit)
tCKSP
2
2
ns
Command (/CS0 - /CS3, /RAS, /CAS, /WE,
DQMB0 - DQMB7) setup time
tCMS
2
2
ns
Command (/CS0 - /CS3, /RAS, /CAS, /WE,
DQMB0 - DQMB7) hold time
tCMH
1
1
ns
Note 1. Output load
Output
Z = 50
50 pF
Remark These specifications are applied to the monolithic device.


Similar Part No. - MC-4532CD646PF-A80

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4532CD646PF-A80 NEC-MC-4532CD646PF-A80 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-4532CD646PF-A80

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V32AD642 ELPIDA-MC-45V32AD642 Datasheet
162Kb / 16P
   32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com