Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4532CD646EF-A10 Datasheet(PDF) 9 Page - Elpida Memory

Part # MC-4532CD646EF-A10
Description  32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532CD646EF-A10 Datasheet(HTML) 9 Page - Elpida Memory

Back Button MC-4532CD646EF-A10 Datasheet HTML 5Page - Elpida Memory MC-4532CD646EF-A10 Datasheet HTML 6Page - Elpida Memory MC-4532CD646EF-A10 Datasheet HTML 7Page - Elpida Memory MC-4532CD646EF-A10 Datasheet HTML 8Page - Elpida Memory MC-4532CD646EF-A10 Datasheet HTML 9Page - Elpida Memory MC-4532CD646EF-A10 Datasheet HTML 10Page - Elpida Memory MC-4532CD646EF-A10 Datasheet HTML 11Page - Elpida Memory MC-4532CD646EF-A10 Datasheet HTML 12Page - Elpida Memory MC-4532CD646EF-A10 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
MC-4532CD646
Data Sheet E0055N10
Asynchronous Characteristics
Parameter
Symbol
-A 80
-A 10
Unit
Note
MIN.
MAX.
MIN.
MAX.
ACT to REF/ACT command period (Operation)
tRC
70
70
ns
REF to REF/ACT command period (Refresh)
tRC1
70
78
ns
ACT to PRE command period
tRAS
48
120,000
50
120,000
ns
PRE to ACT command period
tRP
20
20
ns
Delay time ACT to READ/WRITE command
tRCD
20
20
ns
ACT(one) to ACT(another) command period
tRRD
16
20
ns
Data-in to PRE command period
tDPL
8
10
ns
Data-in to ACT(REF) command period
/CAS latency = 3
tDAL3
1CLK+20
1CLK+20
ns
(Auto precharge)
/CAS latency = 2
tDAL2
1CLK+20
1CLK+20
ns
Mode register set cycle time
tRSC
2
2
CLK
Transition time
tT
0.5
30
1
30
ns
Refresh time (4,096 refresh cycles)
tREF
64
64
ms


Similar Part No. - MC-4532CD646EF-A10

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4532CD646EF-A10 NEC-MC-4532CD646EF-A10 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-4532CD646EF-A10

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V32AD642 ELPIDA-MC-45V32AD642 Datasheet
162Kb / 16P
   32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com