Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES2B Datasheet(PDF) 2 Page - Weitron Technology

Part # ES2B
Description  Surface Mount Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ES2B Datasheet(HTML) 2 Page - Weitron Technology

  ES2B Datasheet HTML 1Page - Weitron Technology ES2B Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ES2A Thru ES2J
2/2
11-Sep-09
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectifier Current
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
Maximum Instantaneous At 2.0A DC
Maximum DC Reverse Current @T =25 C
At Rated DC Blocking Voltage @T =100 C
Maximun Reverse Recocery Time (Note2)
Typical Junction Capacitance (Note1)
Typical Thermal Resistance
Operating Temperature Range
Storage Temperature Range
V
A
A
V
A
Rating 25 C Ambient Temperature Unless Otherwise Specified.
Single Phase Half Wave, 60Hz , Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
C
JC
T
TSTG
50
35
100
70
150
105
200
140
300
210
400
280
600
50
100
150
200
300
400
600
420
-55 to +150
-55 to +150
F
°C/W
°C
°C
2.0
50
0.98
1.30
5.0
100
25
40
30
http://www.weitron.com.tw
WEITRON
J
J
ES2A ES2B
ES2C ES2D ES2F ES2G ES2J
1.75
p
R
Trr
35
ns
NOTE 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Measured with IF=0.5A, IR=1A, IRR=0.25A.
A
A


Similar Part No. - ES2B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2B JGD-ES2B Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
ES2B HY-ES2B Datasheet
414Kb / 3P
   Surface Mount Super Fast Glass Passivated Rectifiters
logo
Bruckewell Technology L...
ES2B BWTECH-ES2B Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Galaxy Semi-Conductor H...
ES2B BILIN-ES2B Datasheet
118Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
RFE international
ES2B RFE-ES2B Datasheet
149Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
More results

Similar Description - ES2B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ES3AB WEITRON-ES3AB_11 Datasheet
191Kb / 3P
   Surface Mount Super Fast Rectifiers
logo
EIC discrete Semiconduc...
SS3A EIC-SS3A_05 Datasheet
43Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
SS5A EIC-SS5A Datasheet
41Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SynSemi, Inc.
MURA130 SYNSEMI-MURA130 Datasheet
44Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
EIC discrete Semiconduc...
SS2A EIC-SS2A_05 Datasheet
40Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFAS801G TSC-SFAS801G_14 Datasheet
385Kb / 4P
   Surface Mount Super Fast Rectifiers
logo
SynSemi, Inc.
SSOA SYNSEMI-SSOA Datasheet
35Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
ES3A SEMTECH_ELEC-ES3A Datasheet
236Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES2AA GOOD-ARK-ES2AA_15 Datasheet
407Kb / 2P
   super fast surface mount rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com