Electronic Components Datasheet Search |
|
MC-4532CC726XF-A80 Datasheet(PDF) 5 Page - Elpida Memory |
|
MC-4532CC726XF-A80 Datasheet(HTML) 5 Page - Elpida Memory |
5 / 16 page 5 MC-4532CC726 Data Sheet E0053N10 Electrical Specifications • All voltages are referenced to VSS (GND). • After power up, wait more than 100 µs and then, execute power on sequence and CBR (Auto) refresh before proper device operation is achieved. Absolute Maximum Ratings Parameter Symbol Condition Rating Unit Voltage on power supply pin relative to GND VCC –0.5 to +4.6 V Voltage on input pin relative to GND VT –0.5 to +4.6 V Short circuit output current IO 50 mA Power dissipation PD 18 W Operating ambient temperature TA 0 to +70 °C Storage temperature Tstg –55 to +125 °C Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could cause permanent damage. The device is not meant to be operated under conditions outside the limits described in the operational section of this specification. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Recommended Operating Conditions Parameter Symbol Condition MIN. TYP. MAX. Unit Supply voltage VCC 3.0 3.3 3.6 V High level input voltage VIH 2.0 VCC + 0.3 V Low level input voltage VIL −0.3 +0.8 V Operating ambient temperature TA 0 70 °C Capacitance (TA = 25 °°°°C, f = 1 MHz) Parameter Symbol Test condition MIN. TYP. MAX. Unit Input capacitance CI1 A0 - A11, BA0 (A13), BA1 (A12), /RAS, /CAS, /WE 60 102 pF CI2 CLK0 - CLK3 20 40 CI3 CKE0, CKE1 30 56 CI4 /CS0 - /CS3 15 33 CI5 DQMB0 - DQMB7 5 21 Data input/output capacitance CI/O DQ0 - DQ63, CB0 - CB7 7 19 pF |
Similar Part No. - MC-4532CC726XF-A80 |
|
Similar Description - MC-4532CC726XF-A80 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |