Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4R128CPE6C Datasheet(PDF) 11 Page - Elpida Memory

Part # MC-4R128CPE6C
Description  Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R128CPE6C Datasheet(HTML) 11 Page - Elpida Memory

Back Button MC-4R128CPE6C Datasheet HTML 7Page - Elpida Memory MC-4R128CPE6C Datasheet HTML 8Page - Elpida Memory MC-4R128CPE6C Datasheet HTML 9Page - Elpida Memory MC-4R128CPE6C Datasheet HTML 10Page - Elpida Memory MC-4R128CPE6C Datasheet HTML 11Page - Elpida Memory MC-4R128CPE6C Datasheet HTML 12Page - Elpida Memory MC-4R128CPE6C Datasheet HTML 13Page - Elpida Memory MC-4R128CPE6C Datasheet HTML 14Page - Elpida Memory MC-4R128CPE6C Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Data Sheet E0047N11
11
MC-4R128CPE6C
Timing Parameters
The following timing parameters are from the RDRAMs pins, not the RIMM. Please refer to the RDRAM data sheet
(
µPD488448) for detailed timing diagrams.
Para-
Description
MIN.
MAX.
Units
meter
-845
-745
-653
tRC
Row Cycle time of RDRAM banks - the interval between ROWA packets with
ACT commands to the same bank.
28
28
28
tCYCLE
tRAS
RAS-asserted time of RDRAM bank - the interval between ROWA packet with ACT
command and next ROWR packet with PRER
Note 1 command to the same bank.
20
20
20
Note 2
64
µs
tCYCLE
tRP
Row Precharge time of RDRAM banks - the interval between ROWR packet with
PRER
Note 1 command and next ROWA packet with ACT command to the same
bank.
8
8
8
tCYCLE
tPP
Precharge-to-precharge time of RDRAM device - the interval between
successive ROWR packets with PRER
Note 1 commands to any banks of the
same device.
8
8
8
tCYCLE
tRR
RAS-to-RAS time of RDRAM device - the interval between successive ROWA
packets with ACT commands to any banks of the same device.
8
8
8
tCYCLE
tRCD
RAS-to-CAS Delay - the interval from ROWA packet with ACT command to
COLC packet with RD or WR command. Note - the RAS-to-CAS delay seen
by the RDRAM core (tRCD-C) is equal to tRCD-C = 1 + tRCD because of differences in
the row and column paths through the RDRAM interface.
9
7
7
tCYCLE
tCAC
CAS Access delay - the interval from RD command to Q read data. The
equation for tCAC is given in the TPARM register.
8
8
8
12
tCYCLE
tCWD
CAS Write Delay - interval from WR command to D write data.
6
6
6
6
tCYCLE
tCC
CAS-to-CAS time of RDRAM bank - the interval between successive COLC
commands.
4
4
4
tCYCLE
tPACKET
Length of ROWA, ROWR, COLC, COLM or COLX packet.
4
4
4
4
tCYCLE
tRTR
Interval from COLC packet with WR command to COLC packet which causes
retire, and to COLM packet with bytemask.
8
8
8
tCYCLE
tOFFP
The interval (offset) from COLC packet with RDA command, or from COLC
packet with retire command (after WRA automatic precharge), or from COLC
packet with PREC command, or from COLX packet with PREX command to
the equivalent ROWR packet with PRER. The equation for tOFFP is given in the
TPARM register.
4
4
4
4
tCYCLE
tRDP
Interval from last COLC packet with RD command to ROWR packet with
PRER.
4
4
4
tCYCLE
tRTP
Interval from last COLC packet with automatic retire command to ROWR
packet with PRER.
4
4
4
tCYCLE
Notes 1. Or equivalent PREC or PREX command.
2. This is a constraint imposed by the core, and is therefore in units of ms rather than tCYCLE.


Similar Part No. - MC-4R128CPE6C

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R128CPE6C NEC-MC-4R128CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CPE6C-653 NEC-MC-4R128CPE6C-653 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CPE6C-745 NEC-MC-4R128CPE6C-745 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
MC-4R128CPE6C-845 NEC-MC-4R128CPE6C-845 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
More results

Similar Description - MC-4R128CPE6C

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
logo
NEC
MC-4R128CPE6C NEC-MC-4R128CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE8D ELPIDA-MC-4R128FKE8D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8D-840 ELPIDA-MC-4R128FKE8D-840 Datasheet
127Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S-840 ELPIDA-MC-4R128FKE8S-840 Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S ELPIDA-MC-4R128FKE8S Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com