Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSFP8N50 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSFP8N50
Description  StarMOST Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFP8N50 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSFP8N50 Datasheet HTML 1Page - GOOD-ARK Electronics SSFP8N50 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SSFP8N50
StarMOS
T Power MOSFET
Extremely high dv/dt capability
Low Gate Charge Qg results in
Simple Drive Requirement
100% avalanche tested
Gate charge minimized
Very low intrinsic capacitances
Very good manufacturing repeatability
Description
StarMOS is a new generation of high voltage
N–Channel enhancement mode power MOSFETs.
This new technology minimises the JFET effect,
increases packing density and reduces the
on-resistance. StarMOS also achieves faster
switching speeds through optimised gate layout
with planar stripe DMOS technology.
Application
Switching application
Absolute Maximum Ratings
Parameter
Max.
Units
ID@Tc=25
ْ C
Continuous Drain Current,VGS@10V
8
ID@Tc=100
ْC Continuous Drain Current,VGS@10V
5.1
IDM
Pulsed Drain Current
32
A
PD@TC=25
ْC
Power Dissipation
125
W
Linear Derating Factor
1.0
W/
ْC
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
510
mJ
IAR
Avalanche Current
8
A
EAR
Repetitive Avalanche Energy
13
mJ
dv/dt
Peak Diode Recovery dv/dt
5
V/ns
TJ
TSTG
Operating Junction and
Storage Temperature Range
–55 to +175
Soldering Temperature, for 10 seconds
300(1.6mm from case)
ْC
Mounting Torque,6-32 or M3 screw
10 Ibfin(1.1Nm)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-case
1.0
RθCS
Case-to-Sink,Flat,Greased Surface
0.50
RθJA
Junction-to-Ambient
62
ْC/W
Pin1–Gate
Pin2–Drain
Pin1–Source
VDSS = 500V
ID25 = 8A
RDS(ON) = 0.85Ω
1


Similar Part No. - SSFP8N50

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFP8N25 GOOD-ARK-SSFP8N25 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP8N80 GOOD-ARK-SSFP8N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP8N90 GOOD-ARK-SSFP8N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
More results

Similar Description - SSFP8N50

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFP5N45 GOOD-ARK-SSFP5N45 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
SSFP8N25 GOOD-ARK-SSFP8N25 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP1N65 GOOD-ARK-SSFP1N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP7N65 GOOD-ARK-SSFP7N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP8N80 GOOD-ARK-SSFP8N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP2N70 GOOD-ARK-SSFP2N70 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP3N50 GOOD-ARK-SSFP3N50 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
SSFP5N80 GOOD-ARK-SSFP5N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP6N90 GOOD-ARK-SSFP6N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP18N20 GOOD-ARK-SSFP18N20 Datasheet
202Kb / 2P
   StarMOST Power MOSFET
SSFP4N90 GOOD-ARK-SSFP4N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com