Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC124XM Datasheet(PDF) 3 Page - Weitron Technology

Part # DTC124XM
Description  Bias Resistor Transistor NPN Silicon
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTC124XM Datasheet(HTML) 3 Page - Weitron Technology

  DTC124XM Datasheet HTML 1Page - Weitron Technology DTC124XM Datasheet HTML 2Page - Weitron Technology DTC124XM Datasheet HTML 3Page - Weitron Technology DTC124XM Datasheet HTML 4Page - Weitron Technology DTC124XM Datasheet HTML 5Page - Weitron Technology DTC124XM Datasheet HTML 6Page - Weitron Technology DTC124XM Datasheet HTML 7Page - Weitron Technology DTC124XM Datasheet HTML 8Page - Weitron Technology DTC124XM Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
WEITRON
http://www.weitron.com.tw
Characteristics
Symbol
DTC114EM Series
3/10
11-Apr-07
DTC114EM
DTC124EM
DTC144EM
DTC114YM
DTC114TM
DTC143TM
DTC123EM
DTC143EM
DTC143ZM
DTC124XM
DTC123JM
DTC115EM
DTC144WM
WEITRON
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
60
100
140
140
250
250
15
27
140
130
140
150
140
-
-
-
-
-
-
-
-
-
-
-
-
-
-
DTC144TM
160
350
-
-
DC Current Gain
VCE=10V, IC=5.0mA
DTC114EM
DTC124EM
DTC144EM
DTC114YM
DTC114TM
DTC143TM
DTC123EM
DTC143EM
DTC143ZM
DTC124XM
DTC123JM
DTC115EM
DTC144WM
DTC144TM
VCE(sat)
-
-
0.25
-
Collector-Emitter Saturation Voltage
IC=10mA, IB=0.3mA
IC=10mA, IB=5.0mA
IC=10mA, IB=1.0mA
On Characteristics(3)
Output Voltage(on)
V
VOL
-
-
0.2
Min
Typ
Max
Unit
Electrical Characteristics (TA=25°C Unless Otherwise noted)
3. Pulse Test: Pulse Width < 300us, Duty Cycle < 2.0%
DTC123EM
DTC143TM / DTC114TM
DTC143EM / DTC143ZM
DTC124XM / DTC144TM
VCC=5.0V, VB=3.5V RL=1.0KΩ
VCC=5.0V, VB=2.5V RL=1.0KΩ
VCC=5.0V, VB=5.5V RL=1.0KΩ
VCC=5.0V, VB=4.0V RL=1.0KΩ


Similar Part No. - DTC124XM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124XM ROHM-DTC124XM Datasheet
66Kb / 4P
   Digital transistors (built-in resistors)
DTC124XM ROHM-DTC124XM Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTC124XM ROHM-DTC124XM Datasheet
147Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124XM ROHM-DTC124XM Datasheet
101Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC124XM ROHM-DTC124XM Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC124XM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com