Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB52R1289E2U-A6B Datasheet(PDF) 10 Page - Elpida Memory

Part # HB52R1289E2U-A6B
Description  1 GB Registered SDRAM DIMM 128-Mword72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52R1289E2U-A6B Datasheet(HTML) 10 Page - Elpida Memory

Back Button HB52R1289E2U-A6B Datasheet HTML 6Page - Elpida Memory HB52R1289E2U-A6B Datasheet HTML 7Page - Elpida Memory HB52R1289E2U-A6B Datasheet HTML 8Page - Elpida Memory HB52R1289E2U-A6B Datasheet HTML 9Page - Elpida Memory HB52R1289E2U-A6B Datasheet HTML 10Page - Elpida Memory HB52R1289E2U-A6B Datasheet HTML 11Page - Elpida Memory HB52R1289E2U-A6B Datasheet HTML 12Page - Elpida Memory HB52R1289E2U-A6B Datasheet HTML 13Page - Elpida Memory HB52R1289E2U-A6B Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
HB52R1289E2U-A6B/B6B
Preliminary Data Sheet E0016H10
10
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to V
SS
V
T
–0.5 to V
CC + 0.5
(
≤ 4.6 (max))
V1
Supply voltage relative to V
SS
V
CC
–0.5 to +4.6
V
1
Short circuit output current
Iout
50
mA
Power dissipation
P
T
18.0
W
Operating temperature
Topr
0 to +55
°C
Storage temperature
Tstg
–50 to +100
°C
Note:
1. Respect to V
SS
DC Operating Conditions (Ta = 0 to +55°C)
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage
V
CC
3.0
3.6
V
1, 2
V
SS
00V
3
Input high voltage
V
IH
2.0
V
CC
V
1, 4
Input low voltage
V
IL
0
0.8
V
1, 5
Ambient illuminance
——
100
lx
Notes: 1. All voltage referred to V
SS
2. The supply voltage with all VCC and V
CCQ pins must be on the same level.
3. The supply voltage with all VSS and V
SSQ pins must be on the same level.
4. V
IH (max) = VCC + 2.0 V for pulse width
≤ 3 ns at V
CC.
5. V
IL (min) = VSS – 2.0 V for pulse width
≤ 3 ns at V
SS.


Similar Part No. - HB52R1289E2U-A6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52R1289E22 ELPIDA-HB52R1289E22 Datasheet
168Kb / 18P
   1 GB Registered SDRAM DIMM 1 GB Registered SDRAM DIMM (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52R1289E22-A6B ELPIDA-HB52R1289E22-A6B Datasheet
168Kb / 18P
   1 GB Registered SDRAM DIMM 1 GB Registered SDRAM DIMM (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52R1289E22-B6B ELPIDA-HB52R1289E22-B6B Datasheet
168Kb / 18P
   1 GB Registered SDRAM DIMM 1 GB Registered SDRAM DIMM (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
More results

Similar Description - HB52R1289E2U-A6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RF1289E2U-75B ELPIDA-HB52RF1289E2U-75B Datasheet
157Kb / 20P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2-75B ELPIDA-HB52RF1289E2-75B Datasheet
167Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2 ELPIDA-HB52RF1289E2 Datasheet
161Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52R329E22-F ELPIDA-HB52R329E22-F Datasheet
356Kb / 66P
   256 MB Registered SDRAM DIMM 32-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 16 M 횞 4 Components) PC100 SDRAM
HB52R1289E22 ELPIDA-HB52R1289E22 Datasheet
168Kb / 18P
   1 GB Registered SDRAM DIMM 1 GB Registered SDRAM DIMM (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RD168GB-F ELPIDA-HB52RD168GB-F Datasheet
115Kb / 22P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52F649E1 ELPIDA-HB52F649E1 Datasheet
143Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com