Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM534253BZ-10 Datasheet(PDF) 8 Page - Elpida Memory

Part # HM534253BZ-10
Description  1 M VRAM (256-kword x 4-bit)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM534253BZ-10 Datasheet(HTML) 8 Page - Elpida Memory

Back Button HM534253BZ-10 Datasheet HTML 4Page - Elpida Memory HM534253BZ-10 Datasheet HTML 5Page - Elpida Memory HM534253BZ-10 Datasheet HTML 6Page - Elpida Memory HM534253BZ-10 Datasheet HTML 7Page - Elpida Memory HM534253BZ-10 Datasheet HTML 8Page - Elpida Memory HM534253BZ-10 Datasheet HTML 9Page - Elpida Memory HM534253BZ-10 Datasheet HTML 10Page - Elpida Memory HM534253BZ-10 Datasheet HTML 11Page - Elpida Memory HM534253BZ-10 Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
HM534253B Series
Data Sheet E0165H10
8
High-Speed Page Mode Cycle (
DT/OE high, CAS high and DSF low at the falling edge of RAS)
High-speed page mode cycle reads/writes the data of the same row address at high speed by toggling
CAS
while
RAS is low. Its cycle time is one third of the random read/write cycle. In this cycle, read, write, and
block write cycles can be mixed. Note that address access time (t
AA), RAS to column address delay time
(t
RAD), and access time from CAS precharge (tACP) are added. In one RAS cycle, 512-word memory cells of the
same row address can be accessed. It is necessary to specify access frequency within t
RASP max (100 µs).
Color Register Set/Read Cycle (
CAS high, DT/OE high, WE high and DSF high at the falling edge of RAS)
In color register set cycle, color data is set to the internal color register used in flash write cycle or block write
cycle. 4 bits of internal color register are provided at each I/O. This register is composed of static circuits, so
once it is set, it retains the data until reset. Color register set cycle is just as same as the usual write cycle
except that DSF is set high at the falling edge of
RAS, and read, early write and delayed write cycle can be
executed. In this cycle, the HM534253B refreshes the row address fetched at the falling edge of
RAS.
Flash Write Cycle (
CAS high, DT/OE high, WE low, and DSF high at the falling edge of RAS)
In a flash write cycle, a row of data (512-word
× 4-bit) is cleared to 0 or 1 at each I/O according to the data of
color register mentioned before. It is also necessary to mask I/O in this cycle. When
CAS and DT/OE are set
high,
WE is low, and DSF is high at the falling edge of RAS, this cycle starts. Then, the row address to clear
is given to row address and mask data is given to I/O. Mask data is as same as that of a RAM write cycle.
High I/O is cleared, low I/O is not cleared and the internal data is retained. Cycle time is the same as those of
RAM read/write cycles, so all bits can be cleared in 1/512 of the usual cycle time. (See figure 1.)


Similar Part No. - HM534253BZ-10

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5344 HMSEMI-HM5344 Datasheet
499Kb / 16P
   Low Quiescent Current_Low Dropout CMOS Voltage Regulator
HM5344M5 HMSEMI-HM5344M5 Datasheet
491Kb / 12P
   High Speed Current_Low Dropout CMOS Voltage Regulator HM53XXM5 Series 500mA (With Enable control)
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
HM53461P-10 HITACHI-HM53461P-10 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
HM53461P-12 HITACHI-HM53461P-12 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
More results

Similar Description - HM534253BZ-10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
logo
Elpida Memory
HM538253B ELPIDA-HM538253B Datasheet
548Kb / 56P
   2 M VRAM (256-kword x 8-bit) Hyper Page Mode (HM538254B)
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
   4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258BI HITACHI-HM62W16258BI Datasheet
70Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62V16256B HITACHI-HM62V16256B Datasheet
78Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16256B HITACHI-HM62W16256B Datasheet
79Kb / 16P
   4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62V16256CLBP-5SL RENESAS-HM62V16256CLBP-5SL Datasheet
98Kb / 20P
   4 M SRAM (256-kword x16-bit)
logo
Hitachi Semiconductor
HM6207H HITACHI-HM6207H Datasheet
114Kb / 11P
   256 k High Speed SRAM (256-kword x 1-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com