Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM534253BZ-6 Datasheet(PDF) 11 Page - Elpida Memory

Part # HM534253BZ-6
Description  1 M VRAM (256-kword x 4-bit)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM534253BZ-6 Datasheet(HTML) 11 Page - Elpida Memory

Back Button HM534253BZ-6 Datasheet HTML 7Page - Elpida Memory HM534253BZ-6 Datasheet HTML 8Page - Elpida Memory HM534253BZ-6 Datasheet HTML 9Page - Elpida Memory HM534253BZ-6 Datasheet HTML 10Page - Elpida Memory HM534253BZ-6 Datasheet HTML 11Page - Elpida Memory HM534253BZ-6 Datasheet HTML 12Page - Elpida Memory HM534253BZ-6 Datasheet HTML 13Page - Elpida Memory HM534253BZ-6 Datasheet HTML 14Page - Elpida Memory HM534253BZ-6 Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
HM534253B Series
Data Sheet E0165H10
11
SAM start address must be determined by read transfer cycle or pseudo transfer cycle (split transfer cycle
isn’t available) before SAM access, after power on, and determined for each transfer cycle.
Read Transfer Cycle (
CAS high, DT/OE low, WE high and DSF low at the falling edge of RAS)
This cycle becomes read transfer cycle by driving
DT/OE low, WE high and DSF low at the falling edge of
RAS. The row address data (512
× 4 bits) determined by this cycle is transferred to SAM data register
synchronously at the rising edge of
DT/OE. After the rising edge of DT/OE, the new address data outputs
from SAM start address determined by column address. In read transfer cycle,
DT/OE must be risen to
transfer data from RAM to SAM.
This cycle can access SAM even during transfer (real time read transfer). In this case, the timing t
SDD (min)
specified between the last SAM access before transfer and
DT/OE rising edge and t
SDH (min) specified
between the first SAM access and
DT/OE rising edge must be satisfied. (See figure 3.)
When read transfer cycle is executed, SI/O becomes output state by first SAM access. Input must be set high
impedance before t
SZS (min) of the first SAM access to avoid data contention.
RAS
CAS
Address
DT/OE
SC
SI/O
SAM Data before Transfer
SAM Data after Transfer
tSDD
tSDH
L
Xi
Yj
Yj
Yj + 1
DSF
Figure 3 Real Time Read Transfer
Pseudo Transfer Cycle (
CAS high, DT/OE low, WE low, SE high and DSF low at the falling edge of RAS)
Pseudo transfer cycle switches SI/O to input state and set SAM start address without data transfer to RAM.
This cycle starts when
CAS is high, DT/OE low, WE low, SE high and DSF low at the falling edge of RAS.
Data should be input to SI/O later than t
SID (min) after RAS becomes low to avoid data contention.
SAM
access becomes enabled after t
SRD (min) after RAS becomes high.
In this cycle, SAM access is inhibited
during
RAS low, therefore, SC must not be risen.
Write Transfer Cycle (
CAS high, DT/OE low, WE low, SE low, and DSF low at the falling edge of RAS)


Similar Part No. - HM534253BZ-6

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5344 HMSEMI-HM5344 Datasheet
499Kb / 16P
   Low Quiescent Current_Low Dropout CMOS Voltage Regulator
HM5344M5 HMSEMI-HM5344M5 Datasheet
491Kb / 12P
   High Speed Current_Low Dropout CMOS Voltage Regulator HM53XXM5 Series 500mA (With Enable control)
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
HM53461P-10 HITACHI-HM53461P-10 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
HM53461P-12 HITACHI-HM53461P-12 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
More results

Similar Description - HM534253BZ-6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
   1 M VRAM (128-kword x 8-bit)
logo
Elpida Memory
HM538253B ELPIDA-HM538253B Datasheet
548Kb / 56P
   2 M VRAM (256-kword x 8-bit) Hyper Page Mode (HM538254B)
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
   4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258BI HITACHI-HM62W16258BI Datasheet
70Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62V16256B HITACHI-HM62V16256B Datasheet
78Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16256B HITACHI-HM62W16256B Datasheet
79Kb / 16P
   4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62V16256CLBP-5SL RENESAS-HM62V16256CLBP-5SL Datasheet
98Kb / 20P
   4 M SRAM (256-kword x16-bit)
logo
Hitachi Semiconductor
HM6207H HITACHI-HM6207H Datasheet
114Kb / 11P
   256 k High Speed SRAM (256-kword x 1-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com