Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5113165FTD-6 Datasheet(PDF) 7 Page - Elpida Memory

Part # HM5113165FTD-6
Description  128M EDO DRAM (8-Mword16-bit) 4k refresh
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5113165FTD-6 Datasheet(HTML) 7 Page - Elpida Memory

Back Button HM5113165FTD-6 Datasheet HTML 3Page - Elpida Memory HM5113165FTD-6 Datasheet HTML 4Page - Elpida Memory HM5113165FTD-6 Datasheet HTML 5Page - Elpida Memory HM5113165FTD-6 Datasheet HTML 6Page - Elpida Memory HM5113165FTD-6 Datasheet HTML 7Page - Elpida Memory HM5113165FTD-6 Datasheet HTML 8Page - Elpida Memory HM5113165FTD-6 Datasheet HTML 9Page - Elpida Memory HM5113165FTD-6 Datasheet HTML 10Page - Elpida Memory HM5113165FTD-6 Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
HM5113165FTD-6
Data Sheet E0177H10
7
AC Characteristics (Ta = 0 to +70˚C, V
CC = 3.3 V ± 0.3 V, VSS = 0 V) *
1, *2, *19
Test Conditions
• Input rise and fall time: 2 ns
• Input pulse levels: V
IL = 0 V, VIH = 3.0 V
• Input timing reference levels: 0.8 V, 2.0 V
• Output timing reference levels: 0.8 V, 2.0 V
• Output load: 1 TTL gate + C
L (100 pF) (Including scope and jig)
Read, Write, Read-Modify-Write and Refresh Cycles (Common parameters)
HM5113165F
-6
Parameter
Symbol
Min
Max
Unit
Notes
Random read or write cycle time
t
RC
104
ns
RAS precharge time
t
RP
40
ns
CAS precharge time
t
CP
10
ns
23
RAS pulse width
t
RAS
60
10000
ns
CAS pulse width
t
CAS
10
10000
ns
Row address setup time
t
ASR
0—
ns
Row address hold time
t
RAH
10
ns
Column address setup time
t
ASC
0
ns
23
Column address hold time
t
CAH
10
ns
23
RAS to CAS delay time
t
RCD
14
45
ns
3
RAS to column address delay time
t
RAD
12
30
ns
4
RAS hold time
t
RSH
15
ns
CAS hold time
t
CSH
40
ns
CAS to RAS precharge time
t
CRP
5
ns
23
OE to Din delay time
t
OED
15
ns
5
OE delay time from Din
t
DZO
0
ns
6
CAS delay time from Din
t
DZC
0
ns
6
Transition time (rise and fall)
t
T
250
ns
7


Similar Part No. - HM5113165FTD-6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5113165FLTD-6 ELPIDA-HM5113165FLTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
More results

Similar Description - HM5113165FTD-6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com