Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T6ARS3507M Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # T6ARS3507M
Description  TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

T6ARS3507M Datasheet(HTML) 3 Page - Rectron Semiconductor

  T6ARS3507M Datasheet HTML 1Page - Rectron Semiconductor T6ARS3507M Datasheet HTML 2Page - Rectron Semiconductor T6ARS3507M Datasheet HTML 3Page - Rectron Semiconductor T6ARS3507M Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AMBIENT TEMPERATURE, (
OC)
PULSE WIDTH,(S)
0
25
50
0
75
100
0.1
1.0
10
100
100
75
25
50
150
175
125
200
0.1u
1.0u
10u
100u
1m
10u
RATING AND CHARACTERISTICS CURVES ( T6ARS3505M THRU T6ARS3507M )
FIG.7 PEAK PULSE POWER RATING CURVE
FIG.8 PULSE DERATING CURVE
Non-Repetitive
Pulse Waveform
Shown in Fig.9
TA=25
OC
TIME, (mS)
0
1.0
0
50
100
150
3.0
2.0
4.0
FIG.9 PULSE WAVEFORM
tr = 10usec.
Peak Value
IPPM
td
10/1000usec. Waveform
as Defined by R.E.A.
HALF VALUE -
IPPM
2
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of I PPM
V(BR), BREAKDOWN VOLTAGE, (V)
1.0
100
1000
100000
10000
10
100
200
FIG.10 TYPICAL JUNCTION CAPACITANCE
TJ= 25
OC
f = 1MHz
Vsig = 50mVp-p
Measured at
Zero Bias
Stand off
Voltage,VWM
Measured at
Schematic


Similar Part No. - T6ARS3507M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
T6ARS3505M RECTRON-T6ARS3505M_10 Datasheet
286Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
More results

Similar Description - T6ARS3507M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
T4ARBU405M RECTRON-T4ARBU405M Datasheet
285Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T4ARS3505M RECTRON-T4ARS3505M Datasheet
210Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T6ARS3505M RECTRON-T6ARS3505M_10 Datasheet
286Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
T4ARBU405M RECTRON-T4ARBU405M_10 Datasheet
313Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS GPP BRIDGE RECTIFIER
logo
First Components Intern...
P6KE FCI-P6KE Datasheet
177Kb / 4P
   6.8V to 200V GPP TRANSIENT VOLTAGE SUPPRESSORS
SA5.0 FCI-SA5.0 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE Datasheet
180Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
P4KE FCI-P4KE Datasheet
165Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
5KP FCI-5KP Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
1.5KE FCI-1.5KE_1 Datasheet
236Kb / 4P
   6.8V to 400V GPP TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com