Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM51W17805LTT-7 Datasheet(PDF) 7 Page - Elpida Memory

Part # HM51W17805LTT-7
Description  16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM51W17805LTT-7 Datasheet(HTML) 7 Page - Elpida Memory

Back Button HM51W17805LTT-7 Datasheet HTML 3Page - Elpida Memory HM51W17805LTT-7 Datasheet HTML 4Page - Elpida Memory HM51W17805LTT-7 Datasheet HTML 5Page - Elpida Memory HM51W17805LTT-7 Datasheet HTML 6Page - Elpida Memory HM51W17805LTT-7 Datasheet HTML 7Page - Elpida Memory HM51W17805LTT-7 Datasheet HTML 8Page - Elpida Memory HM51W17805LTT-7 Datasheet HTML 9Page - Elpida Memory HM51W17805LTT-7 Datasheet HTML 10Page - Elpida Memory HM51W17805LTT-7 Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
HM51W17805 Series
Data Sheet E0155H10
7
Capacitance (Ta = 25°C, V
CC = 3.3 V ± 0.3 V)
Parameter
Symbol
Typ
Max
Unit
Notes
Input capacitance (Address)
C
I1
5
pF
1
Input capacitance (Clocks)
C
I2
7
pF
1
Output capacitance (Data-in, Data-out)
C
I/O
7
pF
1, 2
Notes: 1. Capacitance measured with Boonton Meter or effective capacitance measuring method.
2.
CAS = V
IH to disable Dout.
AC Characteristics (Ta = 0 to +70°C, V
CC = 3.3 V ± 0.3 V, VSS = 0 V)
*1, *2, *18
Test Conditions
• Input rise and fall time: 2 ns
• Input levels: V
IL = 0 V, VIH = 3 V
• Input timing reference levels: 0.8 V, 2.0 V
• Output timing reference levels: 0.8 V, 2.0 V
• Output load: 1 TTL gate + C
L (100 pF) (Including scope and jig)


Similar Part No. - HM51W17805LTT-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM51W17400 HITACHI-HM51W17400 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
HM51W17400LS-5 HITACHI-HM51W17400LS-5 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
HM51W17400LS-6 HITACHI-HM51W17400LS-6 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
HM51W17400LS-7 HITACHI-HM51W17400LS-7 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
HM51W17400LTS-5 HITACHI-HM51W17400LTS-5 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
More results

Similar Description - HM51W17805LTT-7

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com