Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM51W17805LS-5 Datasheet(PDF) 6 Page - Elpida Memory

Part # HM51W17805LS-5
Description  16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM51W17805LS-5 Datasheet(HTML) 6 Page - Elpida Memory

Back Button HM51W17805LS-5 Datasheet HTML 2Page - Elpida Memory HM51W17805LS-5 Datasheet HTML 3Page - Elpida Memory HM51W17805LS-5 Datasheet HTML 4Page - Elpida Memory HM51W17805LS-5 Datasheet HTML 5Page - Elpida Memory HM51W17805LS-5 Datasheet HTML 6Page - Elpida Memory HM51W17805LS-5 Datasheet HTML 7Page - Elpida Memory HM51W17805LS-5 Datasheet HTML 8Page - Elpida Memory HM51W17805LS-5 Datasheet HTML 9Page - Elpida Memory HM51W17805LS-5 Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
HM51W17805 Series
Data Sheet E0155H10
6
DC Characteristics (Ta = 0 to +70°C, V
CC = 3.3 V ± 0.3 V, VSS = 0 V)
-5
-6
-7
Parameter
Symbol
Min Max Min Max Min Max Unit
Test conditions
Operating current
*1, *2
I
CC1
110 —
100 —
90
mA
t
RC = min
Standby current
I
CC2
2
2
2
mA
TTL interface
RAS, CAS = V
IH
Dout = High-Z
1
1
1
mA
CMOS interface
RAS, CAS
≥ V
CC – 0.2V
Dout = High-Z
Standby current (L-version)
I
CC2
150 —
150 —
150 µA
CMOS interface
RAS, CAS
≥ V
CC – 0.2V
Dout = High-Z
RAS-only refresh current*2
I
CC3
110 —
100 —
90
mA
t
RC = min
Standby current
*1
I
CC5
—5
—5
5
mA
RAS = V
IH, CAS = VIL
Dout = enable
CAS-before-RAS refresh
current
I
CC6
110 —
100 —
90
mA
t
RC = min
EDO page mode current
*1, *3
I
CC7
100 —
90
85
mA
t
HPC = min
Battery backup current
*4
(Standby with CBR refresh)
(L-version)
I
CC10
400 —
400 —
400 µA
CMOS interface
Dout = High-Z
CBR refresh: t
RC = 62.5 µs
t
RAS ≤ 0.3 µs
Self refresh mode current
(L-version)
I
CC11
250 —
250 —
250 µA
CMOS interface
RAS, CAS
≤ 0.2V
Dout = High-Z
Input leakage current
I
LI
–10 10
–10 10
–10 10
µA
0 V
≤ Vin ≤ 4.6 V
Output leakage current
I
LO
–10 10
–10 10
–10 10
µA
0 V
≤ Vout ≤ 4.6 V
Dout = disable
Output high voltage
V
OH
2.4
V
CC
2.4
V
CC
2.4
V
CC
V
High Iout = –2 mA
Output low voltage
V
OL
0
0.4
0
0.4
0
0.4
V
Low Iout = 2 mA
Notes: 1. I
CC depends on output load condition when the device is selected.
I
CC max is specified at the output
open condition.
2. Address can be changed once or less while
RAS = V
IL.
3. Address can be changed once or less while
CAS = V
IH.
4.
CAS = L (
≤ 0.2 V) while RAS = L (≤ 0.2 V).


Similar Part No. - HM51W17805LS-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM51W17400 HITACHI-HM51W17400 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
HM51W17400LS-5 HITACHI-HM51W17400LS-5 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
HM51W17400LS-6 HITACHI-HM51W17400LS-6 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
HM51W17400LS-7 HITACHI-HM51W17400LS-7 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
HM51W17400LTS-5 HITACHI-HM51W17400LTS-5 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
More results

Similar Description - HM51W17805LS-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com