Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4416 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N4416
Description  SMALL SIGNAL N-CHANNEL J-FET THAT IS DESIGNED TO PROVIDE HIGH PERFORMANCE AMPLIFICATION AT HIGH FREQUENCIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4416 Datasheet(HTML) 1 Page - Seme LAB

  2N4416 Datasheet HTML 1Page - Seme LAB 2N4416 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4416A
2N4416A
Document Number 3631
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test con-
ditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of
going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
10mA
300mW
2.4mW / °C
–55 to 150°C
–55 to 200°C
SMALL SIGNAL
N–CHANNEL J–FET THAT IS
DESIGNED TO PROVIDE HIGH
PERFORMANCE AMPLIFICATION AT
HIGH FREQUENCIES
FEATURES
• EXCELLENT HIGH FREQUENCY GAINS
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVEL OPTIONS
APPLICATIONS:
The 2N4416 and 2N4416A are N-Channel
JFETs designed to provide high-performance
amplification, especially at high-frequency.
VGD
Gate – Drain Voltage
VGS
Gate – Source Voltage
IG
Gate Current
PD
Power Dissipation
Derate
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature Range
–30V
–30V
–35V
–35V
MECHANICAL DATA
Dimensions in mm (inches)
TO-72
(TO-206AF)
ABSOLUTE MAXIMUM RATINGS
(Tamb = 25°C unless otherwise stated)
PIN 1 - Case
PIN 3 -Drain
PIN 2 - Gate
PIN 4 - Source
0.48 (0.019)
0.41 (0.016)
dia.
4.95 (0.195)
4.52 (0.178)
4.95 (0.195)
4.52 (0.178)
1
2
3
4
2.54 (0.100)
Nom.
2N4416
2N4416A


Similar Part No. - 2N4416

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4416 FAIRCHILD-2N4416 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
Vishay Siliconix
2N4416 VISHAY-2N4416 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
logo
Calogic, LLC
2N4416 CALOGIC-2N4416 Datasheet
23Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Micross Components
2N4416 MICROSS-2N4416 Datasheet
291Kb / 1P
   a N-Channel high frequency JFET amplifier
logo
Micro Electronics
2N4416 MICRO-ELECTRONICS-2N4416 Datasheet
140Kb / 1P
   N-CHANNEL FET
More results

Similar Description - 2N4416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1402 HP-HFBR-1402 Datasheet
288Kb / 25P
   Components is Designed to Provide cost effective, High performance fiber optic communication links
logo
Continental Device Indi...
CN450 CDIL-CN450 Datasheet
129Kb / 4P
   General Purpose Transistors designed for Small and Medium Signal Amplification from D.C to Radio Frequencies
logo
Central Semiconductor C...
CP206 CENTRAL-CP206 Datasheet
390Kb / 3P
   Small Signal Transistors N - Channel Switch/Chopper J FET Chip
CP210 CENTRAL-CP210 Datasheet
230Kb / 3P
   Small Signal Transistors N - Channel Silicon Amplifer J FET Chip
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com