Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM51W16165LJ-6 Datasheet(PDF) 1 Page - Elpida Memory

Part # HM51W16165LJ-6
Description  16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM51W16165LJ-6 Datasheet(HTML) 1 Page - Elpida Memory

  HM51W16165LJ-6 Datasheet HTML 1Page - Elpida Memory HM51W16165LJ-6 Datasheet HTML 2Page - Elpida Memory HM51W16165LJ-6 Datasheet HTML 3Page - Elpida Memory HM51W16165LJ-6 Datasheet HTML 4Page - Elpida Memory HM51W16165LJ-6 Datasheet HTML 5Page - Elpida Memory HM51W16165LJ-6 Datasheet HTML 6Page - Elpida Memory HM51W16165LJ-6 Datasheet HTML 7Page - Elpida Memory HM51W16165LJ-6 Datasheet HTML 8Page - Elpida Memory HM51W16165LJ-6 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
HM51W16165 Series
HM51W18165 Series
16 M EDO DRAM (1-Mword
× 16-bit)
4 k Refresh/1 k Refresh
E0153H10 (Ver. 1.0)
(Previous ADE-203-650D (Z))
Jul. 6, 2001 (K)
Description
The HM51W16165 Series, HM51W18165 Series are CMOS dynamic RAMs organized as 1,048,576-word
× 16-bit. They employ the most advanced CMOS technology for high performance and low power.
HM51W16165 Series, HM51W18165 Series offer Extended Data Out (EDO) Page Mode as a high speed
access mode. They have package variations of standard 400-mil 42-pin plastic SOJ and 400-mil 50-pin
plastic TSOP.
Features
• Single 3.3 V (±0.3 V)
• Access time: 50 ns/60 ns/70 ns (max)
• Power dissipation
 Active mode : 396 mW/360mW/324 mW (max) (HM51W16165 Series)
: 684 mW /612 mW /540 mW (max) (HM51W18165 Series)
 Standby mode : 7.2 mW (max)
: 0.54 mW (max) (L-version)
• EDO page mode capability
• Refresh cycles
 4096 refresh cycles : 64 ms (HM51W16165 Series)
: 128 ms (L-version)
 1024 refresh cycles : 16 ms (HM51W18165 Series)
: 128 ms (L-version)
• 4 variations of refresh
 RAS-only refresh
 CAS-before-RAS refresh
 Hidden refresh
 Self refresh (L-version)
• 2CAS-byte control


Similar Part No. - HM51W16165LJ-6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM51W16165LJ-6 HITACHI-HM51W16165LJ-6 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
More results

Similar Description - HM51W16165LJ-6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Hitachi Semiconductor
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Elpida Memory
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com