Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5264805F-B60 Datasheet(PDF) 4 Page - Elpida Memory

Part # HM5264805F-B60
Description  64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword16-bit4-bank/2-Mword8-bit4-bank /4-Mword4-bit4-bank PC/133, PC/100 SDRAM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5264805F-B60 Datasheet(HTML) 4 Page - Elpida Memory

  HM5264805F-B60 Datasheet HTML 1Page - Elpida Memory HM5264805F-B60 Datasheet HTML 2Page - Elpida Memory HM5264805F-B60 Datasheet HTML 3Page - Elpida Memory HM5264805F-B60 Datasheet HTML 4Page - Elpida Memory HM5264805F-B60 Datasheet HTML 5Page - Elpida Memory HM5264805F-B60 Datasheet HTML 6Page - Elpida Memory HM5264805F-B60 Datasheet HTML 7Page - Elpida Memory HM5264805F-B60 Datasheet HTML 8Page - Elpida Memory HM5264805F-B60 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
HM5264165F/HM5264805F/HM5264405F-75/A60/B60
Data Sheet E0135H10
4
Pin Arrangement (HM5264805F)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VSS
DQ7
VSSQ
NC
DQ6
VCCQ
NC
DQ5
VSSQ
NC
DQ4
VCCQ
NC
VSS
NC
DQM
CLK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
VSS
VCC
DQ0
VCCQ
NC
DQ1
VSSQ
NC
DQ2
VCCQ
NC
DQ3
VSSQ
NC
VCC
NC
WE
CAS
RAS
CS
A13
A12
A10
A0
A1
A2
A3
VCC
54-pin TSOP
(Top view)
Pin Description
Pin name
Function
Pin name
Function
A0 to A13
Address input
WE
Write enable
 Row address
A0 to A11
DQM
Input/output mask
 Column address
A0 to A8
CLK
Clock input
 Bank select address A12/A13 (BS) CKE
Clock enable
DQ0 to DQ7
Data-input/output
V
CC
Power for internal circuit
CS
Chip select
V
SS
Ground for internal circuit
RAS
Row address strobe command
V
CCQ
Power for DQ circuit
CAS
Column address strobe command
V
SSQ
Ground for DQ circuit
NC
No connection


Similar Part No. - HM5264805F-B60

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5264805F-B60 HITACHI-HM5264805F-B60 Datasheet
870Kb / 67P
   64M LVTTL interface SDRAM 133 MHz/100 MHz
More results

Similar Description - HM5264805F-B60

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
   256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
HM5225645F HITACHI-HM5225645F Datasheet
81Kb / 16P
   256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
logo
Elpida Memory
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com