Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4516CD642XS-A75L Datasheet(PDF) 7 Page - Elpida Memory

Part # MC-4516CD642XS-A75L
Description  16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516CD642XS-A75L Datasheet(HTML) 7 Page - Elpida Memory

Back Button MC-4516CD642XS-A75L Datasheet HTML 3Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 4Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 5Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 6Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 7Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 8Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 9Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 10Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet E0116N20
7
MC-4516CD642XS
AC Characteristics (Recommended Operating Conditions unless otherwise noted)
Test Conditions
Parameter
Value
Unit
AC high level input voltage / low level input voltage
2.4 / 0.4
V
Input timing measurement reference level
1.4
V
Transition time (Input rise and fall time)
1
ns
Output timing measurement reference level
1.4
V
tCK
tCH
tCL
2.4 V
1.4 V
0.4 V
CLK
2.4 V
1.4 V
0.4 V
Input
tSETUP
tHOLD
Output
tAC
tOH


Similar Part No. - MC-4516CD642XS-A75L

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES-A10 NEC-MC-4516CD641ES-A10 Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES-A10 ELPIDA-MC-4516CD641ES-A10 Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES-A80 NEC-MC-4516CD641ES-A80 Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results

Similar Description - MC-4516CD642XS-A75L

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-45V16AD642KS ELPIDA-MC-45V16AD642KS Datasheet
147Kb / 16P
   16M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB642XS ELPIDA-MC-458CB642XS Datasheet
135Kb / 14P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CB64ES NEC-MC-4516CB64ES Datasheet
129Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-4516CD64ES NEC-MC-4516CD64ES Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com