Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5165805FLJ-6 Datasheet(PDF) 7 Page - Elpida Memory

Part # HM5165805FLJ-6
Description  64 M EDO DRAM (8-Mword8-bit) 8 k Refresh/4 k Refresh
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5165805FLJ-6 Datasheet(HTML) 7 Page - Elpida Memory

Back Button HM5165805FLJ-6 Datasheet HTML 3Page - Elpida Memory HM5165805FLJ-6 Datasheet HTML 4Page - Elpida Memory HM5165805FLJ-6 Datasheet HTML 5Page - Elpida Memory HM5165805FLJ-6 Datasheet HTML 6Page - Elpida Memory HM5165805FLJ-6 Datasheet HTML 7Page - Elpida Memory HM5165805FLJ-6 Datasheet HTML 8Page - Elpida Memory HM5165805FLJ-6 Datasheet HTML 9Page - Elpida Memory HM5165805FLJ-6 Datasheet HTML 10Page - Elpida Memory HM5165805FLJ-6 Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
HM5164805F Series, HM5165805F Series
Data Sheet E0098H10
7
Operation Table
RAS
CAS
WE
OE
I/O 0 to I/O 7
Operation
H
×××
High-Z
Standby
L
L
H
L
Dout
Read cycle
LL
L*
2
×
Din
Early write cycle
LL
L*
2
H
Din
Delayed write cycle
L
L
H to L
L to H
Dout/Din
Read-modify-write cycle
LH
××
High-Z
RAS-only refresh cycle
H to L
L
H
×
High-Z
CAS-before-RAS refresh cycle or
Self refresh cycle (L-version)
L
L
H
H
High-Z
Read cycle (Output disabled)
Notes: 1. H: V
IH (inactive), L: VIL (active), ×: VIH or VIL
2. t
WCS ≥ 0 ns:
Early write cycle
t
WCS < 0 ns:
Delayed write cycle
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Terminal voltage on any pin relative to V
SS
V
T
–0.5 to V
CC + 0.5 (≤ 4.6 V (max))
V
Power supply voltage relative to V
SS
V
CC
–0.5 to +4.6
V
Short circuit output current
Iout
50
mA
Power dissipation
P
T
1.0
W
Storage temperature
Tstg
–55 to +125
°C
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply voltage
V
CC
3.0
3.3
3.6
V
1, 2
V
SS
00
0
V
2
Input high voltage
V
IH
2.0
V
CC + 0.3
V
1
Input low voltage
V
IL
–0.3
0.8
V
1
Ambient temperature range
Ta
0
70
˚C
Notes: 1. All voltage referred to V
SS.
2. The supply voltage with all V
CC pins must be on the same level. The supply voltage with all VSS pins
must be on the same level.


Similar Part No. - HM5165805FLJ-6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5165805FLJ-6 HITACHI-HM5165805FLJ-6 Datasheet
490Kb / 35P
   64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
More results

Similar Description - HM5165805FLJ-6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5164805F HITACHI-HM5164805F Datasheet
490Kb / 35P
   64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
logo
Elpida Memory
HM5117805 ELPIDA-HM5117805 Datasheet
549Kb / 32P
   16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com