Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB56UW3272ETK-5F Datasheet(PDF) 9 Page - Elpida Memory

Part # HB56UW3272ETK-5F
Description  256MB Buffered EDO DRAM DIMM 32-Mword72-bit, 4k Refresh, 2 Bank Module (36 pcs of 16M 횞 4 components)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB56UW3272ETK-5F Datasheet(HTML) 9 Page - Elpida Memory

Back Button HB56UW3272ETK-5F Datasheet HTML 5Page - Elpida Memory HB56UW3272ETK-5F Datasheet HTML 6Page - Elpida Memory HB56UW3272ETK-5F Datasheet HTML 7Page - Elpida Memory HB56UW3272ETK-5F Datasheet HTML 8Page - Elpida Memory HB56UW3272ETK-5F Datasheet HTML 9Page - Elpida Memory HB56UW3272ETK-5F Datasheet HTML 10Page - Elpida Memory HB56UW3272ETK-5F Datasheet HTML 11Page - Elpida Memory HB56UW3272ETK-5F Datasheet HTML 12Page - Elpida Memory HB56UW3272ETK-5F Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
HB56UW3272ETK-F
Data Sheet E0100H10
9
Read Cycle
50 ns
60 ns
Parameter
Symbol Min
Max
Min
Max
Unit
Notes
Access time from
RAS
t
RAC
50
60
ns
8, 9
Access time from
CAS
t
CAC
18
20
ns
9, 10, 17
Access time from address
t
AA
30
35
ns
9, 11, 17
Access time from
OE
t
OEA
18
20
ns
9
Read command setup time
t
RCS
0
0
ns
Read command hold time to
CAS
t
RCH
0
0
ns
12
Read command hold time from
RAS
t
RCHR
50
60
ns
Read command hold time to
RAS
t
RRH
0
0
ns
12
Column address to
RAS lead time
t
RAL
30
35
ns
Column address to
CAS lead time
t
CAL
15
18
ns
CAS to output in low-Z
t
CLZ
2
2
ns
Output data hold time
t
OH
3
3
ns
21
Output data hold time from
OE
t
OHO
3
3
ns
Output buffer turn-off time
t
OFF
18
20
ns
13, 21
Output buffer turn-off to
OE
t
OEZ
18
20
ns
13
CAS to Din delay time
t
CDD
18
20
ns
5
Output data hold time from
RAS
t
OHR
3
3
ns
21
Output buffer turn-off to
RAS
t
OFR
13
15
ns
13, 21
Output buffer turn-off to
WE
t
WEZ
18
20
ns
13
WE to Din delay time
t
WED
18
20
ns
RAS to Din delay time
t
RDD
13
15
ns
Write Cycle
50 ns
60 ns
Parameter
Symbol Min
Max
Min
Max
Unit
Notes
Write command setup time
t
WCS
0
0
ns
14
Write command hold time
t
WCH
8
10
ns
Write command pulse width
t
WP
8
10
ns
Write command to
RAS lead time
t
RWL
18
20
ns
Write command to
CAS lead time
t
CWL
8
10
ns
Data-in setup time
t
DS
0
0
ns
15
Data-in hold time
t
DH
13
15
ns
15


Similar Part No. - HB56UW3272ETK-5F

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB56UW1673E-5F ELPIDA-HB56UW1673E-5F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW1673E-6F ELPIDA-HB56UW1673E-6F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW1673E-F ELPIDA-HB56UW1673E-F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW873E-5F ELPIDA-HB56UW873E-5F Datasheet
214Kb / 27P
   64MB Buffered EDO DRAM DIMM 8-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (9 pcs of 8M 횞 8 components)
HB56UW873E-6F ELPIDA-HB56UW873E-6F Datasheet
214Kb / 27P
   64MB Buffered EDO DRAM DIMM 8-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (9 pcs of 8M 횞 8 components)
More results

Similar Description - HB56UW3272ETK-5F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB56SW3272ESK-5 HITACHI-HB56SW3272ESK-5 Datasheet
338Kb / 29P
   256MB Buffered EDO DRAM DIMM 32-Mword x 72-bit, 4k Refresh, 2 Bank Module(36 pcs of 16M x 4 components)
logo
Elpida Memory
HB56UW1673E-F ELPIDA-HB56UW1673E-F Datasheet
215Kb / 27P
   128MB Buffered EDO DRAM DIMM 16-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (18 pcs of 16M 횞 4 components)
HB56UW873E-F ELPIDA-HB56UW873E-F Datasheet
214Kb / 27P
   64MB Buffered EDO DRAM DIMM 8-Mword 횞 72-bit, 4k Refresh, 1 Bank Module (9 pcs of 8M 횞 8 components)
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
   128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HB52R329E22-F ELPIDA-HB52R329E22-F Datasheet
356Kb / 66P
   256 MB Registered SDRAM DIMM 32-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 16 M 횞 4 Components) PC100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com