Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB54A2569FM-A75B Datasheet(PDF) 9 Page - Elpida Memory

Part # HB54A2569FM-A75B
Description  256MB Unbuffered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54A2569FM-A75B Datasheet(HTML) 9 Page - Elpida Memory

Back Button HB54A2569FM-A75B Datasheet HTML 5Page - Elpida Memory HB54A2569FM-A75B Datasheet HTML 6Page - Elpida Memory HB54A2569FM-A75B Datasheet HTML 7Page - Elpida Memory HB54A2569FM-A75B Datasheet HTML 8Page - Elpida Memory HB54A2569FM-A75B Datasheet HTML 9Page - Elpida Memory HB54A2569FM-A75B Datasheet HTML 10Page - Elpida Memory HB54A2569FM-A75B Datasheet HTML 11Page - Elpida Memory HB54A2569FM-A75B Datasheet HTML 12Page - Elpida Memory HB54A2569FM-A75B Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HB54A2568FM, HB54A2569FM-A75B/B75B/10B
Data Sheet E0088H40 (Ver. 4.0)
9
Block Diagram (HB54A2569FM)
DQ
DQS
DM
DQ0 to DQ7
8
DQS0
DM0/DQS9
RS
RS
RS
/CS
D0
/S0
DQ
DQ8 to DQ15
8
DQS1
DM1/DQS10
RS
RS
RS
D1
DQ
DQ16 to DQ23
8
DQS2
DM2/DQS11
RS
RS
RS
D2
DQ
DQ24 to DQ31
8
DQS3
DM3/DQS12
RS
RS
RS
D3
DQ
DQ32 to DQ39
8
DQS4
DM4/DQS13
RS
RS
RS
D4
DQ
DQ40 to DQ47
8
DQS5
DM5/DQS14
RS
RS
RS
D5
DQ
DQ48 to DQ55
8
DQS6
DM6/DQS15
RS
RS
RS
D6
DQ
DQ56 to DQ63
8
DQS7
DM7/DQS16
RS
RS
RS
D7
DQ
CB0 to CB7
8
DQS8
DM8/DQS17
RS
RS
RS
D8
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
* D0 to D8: HM5425801
U0: 2k bits EEPROM
RS: 22Ω
Serial PD
SDA
A0
A1
A2
SA0
SA1
SA2
SCL
SCL
U0
SDA
Notes:
1. The SDA pull-up resistor is required due to
the open-drain/open-collector output.
2. The SCL pull-up resistor is recommended
because of the normal SCL line inacitve
"high" state.
A0 to A12 (D0 to D8)
A0 to A12
BA0, BA1 (D0 to D8)
BA0, BA1
/RAS (D0 to D8)
/RAS
/CAS (D0 to D8)
/CAS
/WE (D0 to D8)
/WE
CKE (D0 to D8)
CKE0
D0 to D8
D0 to D8
D0 to D8
VCC, VCCQ
VSS
VREF
VCCID
open
Clock wiring
Note: Wire per Clock loading table/Wiring diagrams.
Clock input
CK0/ /CK0
CK1/ /CK1
CK2/ /CK2
DDR SDRAMS
3DRAM loads
3DRAM loads
3DRAM loads


Similar Part No. - HB54A2569FM-A75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1-10B ELPIDA-HB54A2569F1-10B Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1-A75B ELPIDA-HB54A2569F1-A75B Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1-B75B ELPIDA-HB54A2569F1-B75B Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
More results

Similar Description - HB54A2569FM-A75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AJFA ELPIDA-EBD25EC8AJFA Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AJFA ELPIDA-EBD25UC8AJFA Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
EBD26UB8ALFA ELPIDA-EBD26UB8ALFA Datasheet
168Kb / 16P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA ELPIDA-EBD25EC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AMFA-5 ELPIDA-EBD25UC8AMFA-5 Datasheet
153Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG6437S-D4 WEDC-WV3EG6437S-D4 Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com