Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB54A5128FN-A75B Datasheet(PDF) 1 Page - Elpida Memory

Part # HB54A5128FN-A75B
Description  512MB Unbuffered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54A5128FN-A75B Datasheet(HTML) 1 Page - Elpida Memory

  HB54A5128FN-A75B Datasheet HTML 1Page - Elpida Memory HB54A5128FN-A75B Datasheet HTML 2Page - Elpida Memory HB54A5128FN-A75B Datasheet HTML 3Page - Elpida Memory HB54A5128FN-A75B Datasheet HTML 4Page - Elpida Memory HB54A5128FN-A75B Datasheet HTML 5Page - Elpida Memory HB54A5128FN-A75B Datasheet HTML 6Page - Elpida Memory HB54A5128FN-A75B Datasheet HTML 7Page - Elpida Memory HB54A5128FN-A75B Datasheet HTML 8Page - Elpida Memory HB54A5128FN-A75B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Document No. E0087H40 (Ver. 4.0)
Date Published August 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2001-2002
Hitachi, Ltd. 2000
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
DATA SHEET
512MB Unbuffered DDR SDRAM DIMM
HB54A5128FN-A75B/B75B/10B (64M words
×××× 64 bits, 2 Banks)
HB54A5129FN-A75B/B75B/10B (64M words
×××× 72 bits, 2 Banks)
Description
The HB54A5128FN, HB54A5129FN are Double Data
Rate (DDR) SDRAM Module, mounted 256M bits DDR
SDRAM (HM5425801BTT) sealed in TSOP package,
and 1 piece of serial EEPROM (2k bits EEPROM) for
Presence Detect (PD).
The HB54A5128FN is
organized as 32M
× 64 × 2 banks mounted 16 pieces
of 256M bits DDR SDRAM.
The HB54A5129FN is
organized as 32M
× 72 × 2 banks mounted 18 pieces
of 256M bits DDR SDRAM. Read and write operations
are performed at the cross points of the CK and the
/CK. This high-speed data transfer is realized by the 2
bits prefetch-pipelined architecture. Data strobe (DQS)
both for read and write are available for high speed and
reliable data bus design. By setting extended mode
register, the on-chip Delay Locked Loop (DLL) can be
set enable or disable. An outline of the products is
184-pin socket type package (dual lead out).
Therefore, it makes high density mounting possible
without surface mount technology. It provides common
data inputs and outputs. Decoupling capacitors are
mounted beside each TSOP on the module board.
Features
• 184-pin socket type package (dual lead out)
 Outline: 133.35mm (Length) × 31.75mm (Height) ×
4.00mm (Thickness)
 Lead pitch: 1.27mm
• 2.5V power supply (VCC/VCCQ)
• SSTL-2 interface for all inputs and outputs
• Clock frequency: 143MHz/133MHz/125MHz (max.)
• Data inputs, outputs and DM are synchronized with
DQS
• 4 banks can operate simultaneously and
independently (Component)
• Burst read/write operation
• Programmable burst length: 2, 4, 8
 Burst read stop capability
• Programmable burst sequence
 Sequential
 Interleave
• Start addressing capability
 Even and Odd
• Programmable /CAS latency (CL): 2, 2.5
• 8192 refresh cycles: 7.8µs (8192/64ms)
• 2 variations of refresh
 Auto refresh
 Self refresh
This product became EOL in May, 2004.


Similar Part No. - HB54A5128FN-A75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-10B ELPIDA-HB54A5129F1-10B Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-10B ELPIDA-HB54A5129F1-10B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-A75B ELPIDA-HB54A5129F1-A75B Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
More results

Similar Description - HB54A5128FN-A75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AAFA ELPIDA-EBD52UC8AAFA Datasheet
186Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AJFA ELPIDA-EBD52UC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA ELPIDA-EBD52UC8AMFA Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52EC8AAFA ELPIDA-EBD52EC8AAFA Datasheet
187Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AAFA-6B ELPIDA-EBD52UC8AAFA-6B Datasheet
184Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52EC8AAFA-6B ELPIDA-EBD52EC8AAFA-6B Datasheet
185Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com