Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBR25UC8ABFD-AD Datasheet(PDF) 9 Page - Elpida Memory

Part # EBR25UC8ABFD-AD
Description  256MB Direct Rambus??DRAM RIMM??Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBR25UC8ABFD-AD Datasheet(HTML) 9 Page - Elpida Memory

Back Button EBR25UC8ABFD-AD Datasheet HTML 4Page - Elpida Memory EBR25UC8ABFD-AD Datasheet HTML 5Page - Elpida Memory EBR25UC8ABFD-AD Datasheet HTML 6Page - Elpida Memory EBR25UC8ABFD-AD Datasheet HTML 7Page - Elpida Memory EBR25UC8ABFD-AD Datasheet HTML 8Page - Elpida Memory EBR25UC8ABFD-AD Datasheet HTML 9Page - Elpida Memory EBR25UC8ABFD-AD Datasheet HTML 10Page - Elpida Memory EBR25UC8ABFD-AD Datasheet HTML 11Page - Elpida Memory EBR25UC8ABFD-AD Datasheet HTML 12Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EBR25UC8ABFD
Data Sheet E0317E21 (Ver. 2.1)
9
RIMM Module Current Profile
IDD
RIMM module power conditions *
1
Grade
max.
Unit
IDD1
One RDRAM device in Read *
2,
balance in NAP mode
-AEP, -AE, -AD
-8C
688
548
mA
IDD2
One RDRAM device in Read *
2,
balance in Standby mode
-AEP, -AE, -AD
-8C
1290
1010
mA
IDD3
One RDRAM device in Read *
2,
balance in Active mode
-AEP, -AE, -AD
-8C
1570
1220
mA
IDD4
One RDRAM device in Write,
balance in NAP mode
-AEP, -AE, -AD
-8C
708
558
mA
IDD5
One RDRAM device in Write,
balance in Standby mode
-AEP, -AE, -AD
-8C
1310
1020
mA
IDD6
One RDRAM device in Write,
balance in Active mode
-AEP, -AE, -AD
-8C
1590
1230
mA
Notes: 1. Actual power will depend on individual RDRAM component specifications, memory controller and usage
patterns. Power does not include Refresh Current.
2. I/O current is a function of the % of 1’s, to add I/O power for 50 % 1’s for a x18 need to add 276mA for the
following: VDD = 2.5V, VTERM = 1.8V, VREF = 1.4V and VDIL = VREF
− 0.5V.


Similar Part No. - EBR25UC8ABFD-AD

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABKD-8C ELPIDA-EBR25UC8ABKD-8C Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABKD-AD ELPIDA-EBR25UC8ABKD-AD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABKD-AE ELPIDA-EBR25UC8ABKD-AE Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABKD-AEP ELPIDA-EBR25UC8ABKD-AEP Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
More results

Similar Description - EBR25UC8ABFD-AD

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABSA ELPIDA-EBR25EC8ABSA Datasheet
108Kb / 11P
   256MB Direct Rambus DRAM SO-RIMM Module
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
MC-4R256FKK8K ELPIDA-MC-4R256FKK8K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
EBR25EC8ABKD ELPIDA-EBR25EC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com