Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB54A2569F1U-B75B Datasheet(PDF) 1 Page - Elpida Memory

Part # HB54A2569F1U-B75B
Description  256MB, 512MB Registered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54A2569F1U-B75B Datasheet(HTML) 1 Page - Elpida Memory

  HB54A2569F1U-B75B Datasheet HTML 1Page - Elpida Memory HB54A2569F1U-B75B Datasheet HTML 2Page - Elpida Memory HB54A2569F1U-B75B Datasheet HTML 3Page - Elpida Memory HB54A2569F1U-B75B Datasheet HTML 4Page - Elpida Memory HB54A2569F1U-B75B Datasheet HTML 5Page - Elpida Memory HB54A2569F1U-B75B Datasheet HTML 6Page - Elpida Memory HB54A2569F1U-B75B Datasheet HTML 7Page - Elpida Memory HB54A2569F1U-B75B Datasheet HTML 8Page - Elpida Memory HB54A2569F1U-B75B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Document No. E0206H30 (Ver. 3.0)
Date Published September 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2001-2002
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
DATA SHEET
256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1U (32M words
×××× 72 bits, 1 Bank)
HB54A5129F2U (64M words
×××× 72 bits, 2 Banks)
Description
The HB54A2569F1U, HB54A5129F2U are Double
Data Rate (DDR) SDRAM Module, mounted 256M bits
DDR SDRAM (HM5425801BTT) sealed in TSOP
package, and 1 piece of serial EEPROM (2k bits
EEPROM) for Presence Detect (PD).
The HB54A2569F1U is organized as 32M
× 72 × 1
bank mounted 9 pieces of 256M bits DDR SDRAM.
The HB54A5129F2U is organized as 32M
× 72 × 2
banks mounted 18 pieces of 256M bits DDR SDRAM.
Read and write operations are performed at the cross
points of the CK and the /CK. This high-speed data
transfer is realized by the 2 bits prefetch-pipelined
architecture.
Data strobe (DQS) both for read and
write are available for high speed and reliable data bus
design. By setting extended mode register, the on-chip
Delay Locked Loop (DLL) can be set enable or disable.
An outline of the products is 184-pin socket type
package (dual lead out).
Therefore, it makes high
density mounting possible without surface mount
technology.
It provides common data inputs and
outputs.
Decoupling capacitors are mounted beside
each TSOP on the module board.
Features
• 184-pin socket type package (dual lead out)
 Outline: 133.35mm (Length) × 30.48mm (Height) ×
4.00mm (Thickness)
 Lead pitch: 1.27mm
• 2.5V power supply (VCC/VCCQ)
• SSTL-2 interface for all inputs and outputs
• Clock frequency: 143MHz/133MHz/125MHz (max.)
• Data inputs, outputs and DM are synchronized with
DQS
• 4 banks can operate simultaneously and
independently (Component)
• Burst read/write operation
• Programmable burst length: 2, 4, 8
 Burst read stop capability
• Programmable burst sequence
 Sequential
 Interleave
• Start addressing capability
 Even and Odd
• Programmable /CAS latency (CL): 3, 3.5
• 8192 refresh cycles: 7.8µs (8192/64ms)
• 2 variations of refresh
 Auto refresh
 Self refresh
This product became EOL in May, 2004.


Similar Part No. - HB54A2569F1U-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1-10B ELPIDA-HB54A2569F1-10B Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1-A75B ELPIDA-HB54A2569F1-A75B Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1-B75B ELPIDA-HB54A2569F1-B75B Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
More results

Similar Description - HB54A2569F1U-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
EBD25RB4ALFB ELPIDA-EBD25RB4ALFB Datasheet
164Kb / 17P
   256MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD25RB4ALFA ELPIDA-EBD25RB4ALFA Datasheet
136Kb / 17P
   256MB Registered DDR SDRAM DIMM
EBD51RD8ABFA ELPIDA-EBD51RD8ABFA Datasheet
196Kb / 19P
   512MB Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com