Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE5104GASA-4A-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EDE5104GASA-4A-E
Description  512M bits DDR-II SDRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5104GASA-4A-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDE5104GASA-4A-E Datasheet HTML 3Page - Elpida Memory EDE5104GASA-4A-E Datasheet HTML 4Page - Elpida Memory EDE5104GASA-4A-E Datasheet HTML 5Page - Elpida Memory EDE5104GASA-4A-E Datasheet HTML 6Page - Elpida Memory EDE5104GASA-4A-E Datasheet HTML 7Page - Elpida Memory EDE5104GASA-4A-E Datasheet HTML 8Page - Elpida Memory EDE5104GASA-4A-E Datasheet HTML 9Page - Elpida Memory EDE5104GASA-4A-E Datasheet HTML 10Page - Elpida Memory EDE5104GASA-4A-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
EDE5104GASA, EDE5108GASA
Preliminary Data Sheet E0203E41 (Ver. 4.1)
7
-5A
-4A
Frequency (Mbps)
533
400
Parameter
Symbol
min.
max.
min.
max.
Unit
Notes
Active to precharge command
tRAS
45
45
ns
Active to active/auto refresh command
time
tRC
60
65
ns
Active to read or write command delay
tRCD
15
20
ns
Precharge command period
tRP
15
20
ns
Active to auto-precharge delay
tRAP
tRCD min.
tRCD min.
ns
Active bank A to active bank B
command period
tRRD
7.5
10
ns
Write recovery time
tWR
15
15
ns
Auto precharge write recovery +
precharge time
tDAL
(tWR/tCK)+
(tRP/tCK)
(tWR/tCK)+
(tRP/tCK)
tCK
1
Internal write to read command delay
tWTR
7.5
10
ns
Exit self refresh to any command
tXSC
200
200
tCK
Exit power down to any non-read
command
tXPNR
2
2
tCK
Exit precharge power down to read
command
tXPRD
6 – AL
6 – AL
tCK
2
Exit active power down to read
command
tXARD
2
2
tCK
Output impedance test driver delay
tOIT
0
32
0
32
ns
Auto refresh to active/auto refresh
command time
tRFC
120
120
ns
Average periodic refresh interval
tREFI
7.8
7.8
µs
Note: 1. For each of the terms above, if not already an integer, round to the next highest integer.
2. AL: Additive Latency.


Similar Part No. - EDE5104GASA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104GBSA ELPIDA-EDE5104GBSA Datasheet
381Kb / 56P
   512M bits DDR-II SDRAM
EDE5104GBSA-4A-E ELPIDA-EDE5104GBSA-4A-E Datasheet
381Kb / 56P
   512M bits DDR-II SDRAM
EDE5104GBSA-5A-E ELPIDA-EDE5104GBSA-5A-E Datasheet
381Kb / 56P
   512M bits DDR-II SDRAM
More results

Similar Description - EDE5104GASA-4A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104GBSA ELPIDA-EDE5104GBSA Datasheet
381Kb / 56P
   512M bits DDR-II SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
567Kb / 49P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com