Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDE5104GASA-5A-E Datasheet(PDF) 5 Page - Elpida Memory

Part # EDE5104GASA-5A-E
Description  512M bits DDR-II SDRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE5104GASA-5A-E Datasheet(HTML) 5 Page - Elpida Memory

  EDE5104GASA-5A-E Datasheet HTML 1Page - Elpida Memory EDE5104GASA-5A-E Datasheet HTML 2Page - Elpida Memory EDE5104GASA-5A-E Datasheet HTML 3Page - Elpida Memory EDE5104GASA-5A-E Datasheet HTML 4Page - Elpida Memory EDE5104GASA-5A-E Datasheet HTML 5Page - Elpida Memory EDE5104GASA-5A-E Datasheet HTML 6Page - Elpida Memory EDE5104GASA-5A-E Datasheet HTML 7Page - Elpida Memory EDE5104GASA-5A-E Datasheet HTML 8Page - Elpida Memory EDE5104GASA-5A-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
EDE5104GASA, EDE5108GASA
Preliminary Data Sheet E0203E41 (Ver. 4.1)
5
DC Characteristics 1 (TA = 0 to +70
°C, VDD, VDDQ = 1.8V ± 0.1V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Operating current
(ACT-PRE)
IDD0
-5A
-4A
110
100
mA
one bank; tRC = tRC (min.) ; tCK = tCK (min.) ; DQ,
DM, and DQS inputs changing twice per clock cycle;
address and control inputs changing once per clock
cycle
Operating current
(ACT-READ-PRE)
IDD1
-5A
-4A
160
140
mA
one bank; Burst = 4; tRC = tRC (min.) ;
CL = 4; tCK = tCK (min.) ; IOUT = 0mA;
address and control inputs changing once per clock
cycle
Precharge power-down
standby current
IDD2P
25
mA
all banks idle; power-down mode; CKE = VIL (max.);
tCK = tCK (min.)
Idle standby current
IDD2N
-5A
-4A
55
45
mA
/CS = VIH (min.); all banks idle; CKE = VIH (min.);
tCK = tCK (min.) ; address and control inputs changing
once per clock cycle
Active power-down
standby current
IDD3P
30
mA
one bank active; power-down mode; CKE = VIL (max.);
tCK = tCK (min.)
Active standby current
IDD3N
-5A
-4A
65
55
mA
one bank; active / precharge;/CS = VIH (min.);
CKE = VIH (min.); tRC = tRAS max; tCK = tCK (min.);
DQ, DM, and DQS inputs changing twice per clock
cycle; address and control inputs changing once per
clock cycle
Operating current
(Burst read operating)
IDD4R
-5A
-4A
225
175
mA
one bank; Burst = 4; burst; address and control inputs
changing once per clock cycle; DQ and DQS outputs
changing twice per clock cycle; CL = 4; tCK = tCK
(min.) ; IOUT = 0mA
Operating current
(Burst write operating)
IDD4W
-5A
-4A
225
175
mA
one bank; Burst = 4; writes; continuous burst; address
and control inputs changing once per clock cycle; DQ
and DQS inputs changing twice per clock cycle; CL = 4;
tCK = tCK (min.)
Auto-refresh current
IDD5
-5A
-4A
270
250
mA
tRC = tRFC (min.)
Self-refresh current
IDD6
4
mA
CKE = 0.2V
Operating current
(Bank interleaving)
IDD7
-5A
-4A
440
380
mA
Four bank interleaving READs (BL4) with auto
precharge, tRC = tRC (min.); Address and control
inputs change during Active, READ, or WRITE
commands.
DC Characteristics 2 (TA = 0 to +70
°C, VDD, VDDQ = 1.8V ± 0.1V)
Parameter
Symbol
Unit
Notes
Minimum required output pull-up under AC
test load
VOH
VTT + 0.603
V
Maximum required output pull-down under
AC test load
VOL
VTT – 0.603
V
Output timing measurement reference level VOTR
0.5
× VDDQ
V
1
Output minimum sink DC current
IOL
+13.4
mA
3, 4,
Output minimum source DC current
IOH
–13.4
mA
2, 4
Note: 1. The VDDQ of the device under test is referenced.
2. VDDQ = 1.7V; VOUT = 1.42V.
3. VDDQ = 1.9V; VOUT = 0.28V.
4. The DC value of VREF applied to the receiving device is expected to be set to VTT.


Similar Part No. - EDE5104GASA-5A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104GBSA ELPIDA-EDE5104GBSA Datasheet
381Kb / 56P
   512M bits DDR-II SDRAM
EDE5104GBSA-4A-E ELPIDA-EDE5104GBSA-4A-E Datasheet
381Kb / 56P
   512M bits DDR-II SDRAM
EDE5104GBSA-5A-E ELPIDA-EDE5104GBSA-5A-E Datasheet
381Kb / 56P
   512M bits DDR-II SDRAM
More results

Similar Description - EDE5104GASA-5A-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE5104GBSA ELPIDA-EDE5104GBSA Datasheet
381Kb / 56P
   512M bits DDR-II SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDD5104ADTA-E ELPIDA-EDD5104ADTA-E Datasheet
568Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA_06 Datasheet
488Kb / 52P
   512M bits DDR SDRAM
EDD5104ABTA ELPIDA-EDD5104ABTA Datasheet
444Kb / 50P
   512M bits DDR SDRAM
EDD5108ADTA-5C ELPIDA-EDD5108ADTA-5C Datasheet
555Kb / 48P
   512M bits DDR SDRAM
EDD5108AFTA ELPIDA-EDD5108AFTA Datasheet
567Kb / 49P
   512M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com