Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5212805FLTD-75 Datasheet(PDF) 7 Page - Elpida Memory

Part # HM5212805FLTD-75
Description  128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword16-bit4-bank/4-Mword8-bit4-bank PC/133, PC/100 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5212805FLTD-75 Datasheet(HTML) 7 Page - Elpida Memory

Back Button HM5212805FLTD-75 Datasheet HTML 3Page - Elpida Memory HM5212805FLTD-75 Datasheet HTML 4Page - Elpida Memory HM5212805FLTD-75 Datasheet HTML 5Page - Elpida Memory HM5212805FLTD-75 Datasheet HTML 6Page - Elpida Memory HM5212805FLTD-75 Datasheet HTML 7Page - Elpida Memory HM5212805FLTD-75 Datasheet HTML 8Page - Elpida Memory HM5212805FLTD-75 Datasheet HTML 9Page - Elpida Memory HM5212805FLTD-75 Datasheet HTML 10Page - Elpida Memory HM5212805FLTD-75 Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
HM5212165FLTD/HM5212805FLTD-75/A60/B60
Data Sheet E0180H10
7
Pin Functions
CLK (input pin): CLK is the master clock input to this pin. The other input signals are referred at CLK rising
edge.
CS (input pin): When CS is Low, the command input cycle becomes valid. When CS is High, all inputs are
ignored. However, internal operations (bank active, burst operations, etc.) are held.
RAS, CAS and WE (input pins): Although these pin names are the same as those of conventional DRAMs,
they function in a different way. These pins define operation commands (read, write, etc.) depending on the
combination of their voltage levels. For details, refer to the command operation section.
A0 to A11 (input pins): Row address (AX0 to AX11) is determined by A0 to A11 level at the bank active
command cycle CLK rising edge. Column address (AY0 to AY8; HM5212165F, AY0 to AY9; HM5212805F)
is determined by A0 to A8 or A9 (A8; HM5212165F, A9; HM5212805F) level at the read or write command
cycle CLK rising edge. And this column address becomes burst access start address. A10 defines the precharge
mode. When A10 = High at the precharge command cycle, all banks are precharged. But when A10 = Low at
the precharge command cycle, only the bank that is selected by A12/A13 (BS) is precharged. For details refer to
the command operation section.
A12/A13 (input pin): A12/A13 are bank select signal (BS). The memory array of the HM5212165F, the
HM5212805F is divided into bank 0, bank 1, bank 2 and bank 3. HM5212165F contain 4096-row
× 512-
column
× 16-bit. HM5212805F contain 4096-row × 1024-column × 8-bit. If A12 is Low and A13 is Low,bank
0 is selected. If A12 is High and A13 is Low, bank 1 is selected. If A12 is Low and A13 is High, bank 2 is
selected. If A12 is High and A13 is High, bank 3 is selected.
CKE (input pin): This pin determines whether or not the next CLK is valid. If CKE is High, the next CLK
rising edge is valid. If CKE is Low, the next CLK rising edge is invalid. This pin is used for power-down
mode, clock suspend mode and self refresh mode.
DQM, DQMU/DQML (input pins): DQM, DQMU/DQML controls input/output buffers.
Read operation:
If DQM, DQMU/DQML is High, the output buffer becomes High-Z.
If the DQM,
DQMU/DQML is Low, the output buffer becomes Low-Z. (The latency of DQM, DQMU/DQML during
reading is 2 clocks.)
Write operation: If DQM, DQMU/DQML is High, the previous data is held (the new data is not written). If
DQM, DQMU/DQML is Low, the data is written. (The latency of DQM, DQMU/DQML during writing is 0
clock.)
DQ0 to DQ15 (DQ pins): Data is input to and output from these pins (DQ0 to DQ15; HM5212165F, DQ0 to
DQ7; HM5212805F).
V
CC and VCCQ (power supply pins): 3.3 V is applied. (VCC is for the internal circuit and VCCQ is for the output
buffer.)
V
SS and VSS Q (powe r supply pins):
Ground is connected. (V
SS is for the internal cir cuit and VSS Q is for the
output buffer.)


Similar Part No. - HM5212805FLTD-75

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5212805FLTD-75 HITACHI-HM5212805FLTD-75 Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
More results

Similar Description - HM5212805FLTD-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
   256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
HM5212325F HITACHI-HM5212325F Datasheet
62Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5212325FBPC HITACHI-HM5212325FBPC Datasheet
58Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com